Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF6N60ZUT Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDPF6N60ZUT
Description  N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF6N60ZUT Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDPF6N60ZUT Datasheet HTML 1Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 2Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 3Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 4Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 5Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 6Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 7Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 8Page - Fairchild Semiconductor FDPF6N60ZUT Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FDP6N60ZU / FDPF6N60ZUT Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
L
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
LL
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----


Similar Part No. - FDPF6N60ZUT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF6N60ZUT ISC-FDPF6N60ZUT Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
More results

Similar Description - FDPF6N60ZUT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDP5N50F FAIRCHILD-FDP5N50F_12 Datasheet
466Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDPF5N60NZ FAIRCHILD-FDPF5N60NZ Datasheet
344Kb / 10P
   N-Channel MOSFET 600V, 4.5A, 2.0廓
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
logo
Tak Cheong Electronics ...
TFP5N60 TAK_CHEONG-TFP5N60 Datasheet
215Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Fairchild Semiconductor
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
logo
Tak Cheong Electronics ...
TFF5N60 TAK_CHEONG-TFF5N60 Datasheet
194Kb / 4P
   N-Channel Power MOSFET 4.5A, 600V, 2.4廓
logo
Taiwan Semiconductor Co...
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
   600V, 4.5A, 0.9廓 N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com