Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP19N40 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP19N40
Description  N-Channel MOSFET 400V, 19A, 0.24廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP19N40 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP19N40 Datasheet HTML 1Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 2Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 3Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 4Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 5Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 6Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 7Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 8Page - Fairchild Semiconductor FDP19N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
October
©2008 Fairchild Semiconductor Corporation
FDP19N40 / FDPF19N40 Rev. A
www.fairchildsemi.com
1
UniFET
TM
FDP19N40 / FDPF19N40
N-Channel MOSFET
400V, 19A, 0.24
Ω
Features
•RDS(on) =0.2Ω ( Typ.)@ VGS = 10V, ID = 9.5A
• Low Gate Charge ( Typ. 32nC)
• Low Crss ( Typ. 20pF)
• Fast Switching
• 100% Avalanche Tested
• Improved dv/dt Capability
• RoHS Compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pluse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power suppliesand active power
factor correction.
D
G
S
TO-220F
FDPF Series
G
S
D
TO-220
FDP Series
G
S
D
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FDP19N40
FDPF19N40
Units
VDSS
Drain to Source Voltage
400
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25
oC)
19
19*
A
-Continuous (TC = 100
oC)
11.4
11.4*
IDM
Drain Current
- Pulsed
(Note 1)
76
76*
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
542
mJ
IAR
Avalanche Current
(Note 1)
19
A
EAR
Repetitive Avalanche Energy
(Note 1)
21.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
15
V/ns
PD
Power Dissipation
(TC = 25
oC)
215
40
W
- Derate above 25oC
1.65
0.3
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDP19N40
FDPF19N40
Units
RθJC
Thermal Resistance, Junction to Case
0.6
3.0
oC/W
RθCS
Thermal Resistance, Case to Sink Typ.
0.5
-
RθJA
Thermal Resistance, Junction to Ambient
62.5
62.5
*Drain current limited by maximum junction temperature


Similar Part No. - FDP19N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP19N40 ISC-FDP19N40 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40_12 Datasheet
232Kb / 8P
   N-Channel MOSFET 400V, 19A, 0.24廓
More results

Similar Description - FDP19N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40_12 Datasheet
232Kb / 8P
   N-Channel MOSFET 400V, 19A, 0.24廓
FDP24N40 FAIRCHILD-FDP24N40 Datasheet
279Kb / 9P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP24N40 FAIRCHILD-FDP24N40_12 Datasheet
281Kb / 8P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
256Kb / 9P
   N-Channel MOSFET 400V, 15A, 0.3廓
FDP26N40 FAIRCHILD-FDP26N40 Datasheet
552Kb / 9P
   N-Channel MOSFET 400V, 26A, 0.16廓
FDA24N40F FAIRCHILD-FDA24N40F Datasheet
682Kb / 8P
   N-Channel MOSFET, FRFET 400V, 23A, 0.19廓
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
   N-Channel Power MOSFET 10A, 400V, 0.55廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com