Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP15N40 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP15N40
Description  N-Channel MOSFET 400V, 15A, 0.3廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP15N40 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP15N40 Datasheet HTML 1Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 2Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 3Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 4Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 5Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 6Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 7Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 8Page - Fairchild Semiconductor FDP15N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDP15N40 / FDPF15N40 Rev. A
www.fairchildsemi.com
2
Package Marking and Ordering Information T
C = 25
oC unless otherwise noted
Electrical Characteristics
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP15N40
FDP15N40
TO-220
-
-
50
FDPF15N40
FDPF15N40
TO-220F
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V, TJ = 25
oC
400
-
-
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25
oC-
0.5
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 400V, VGS = 0V
-
-
1
μA
VDS = 320V, TC = 125
oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±30V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250μA3.0
-
5.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 7.5A
-
0.24
0.3
Ω
gFS
Forward Transconductance
VDS = 20V, ID = 7.5A
(Note 4)
-
15.3
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
1310
1750
pF
Coss
Output Capacitance
-
210
280
pF
Crss
Reverse Transfer Capacitance
-
17
25
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 320V, ID = 15A
VGS = 10V
(Note 4, 5)
-28
36
nC
Qgs
Gate to Source Gate Charge
-
8
-
nC
Qgd
Gate to Drain “Miller” Charge
-
12
-
nC
td(on)
Turn-On Delay Time
VDD = 200V, ID = 15A
RG = 25Ω
(Note 4, 5)
-26
62
ns
tr
Turn-On Rise Time
-
55
120
ns
td(off)
Turn-Off Delay Time
-
72
154
ns
tf
Turn-Off Fall Time
-
40
90
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
15
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
60
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 15A
-
-
1.4
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 15A
dIF/dt = 100A/μs
(Note 4)
-
333
-
ns
Qrr
Reverse Recovery Charge
-
3.24
-
μC
Notes:
1: Repetitive Rating: Pulse width limited by maximum junction temperature
2: L = 6.5mH, IAS = 15A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3: ISD ≤ 15A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4: Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5: Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDP15N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP15N40 FAIRCHILD-FDP15N40 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP15N40 ISC-FDP15N40 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP15N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N40 UTC-15N40 Datasheet
220Kb / 6P
   15A, 400V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40 Datasheet
264Kb / 9P
   N-Channel MOSFET 400V, 19A, 0.24廓
FDP24N40 FAIRCHILD-FDP24N40 Datasheet
279Kb / 9P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP19N40 FAIRCHILD-FDP19N40_12 Datasheet
232Kb / 8P
   N-Channel MOSFET 400V, 19A, 0.24廓
FDP24N40 FAIRCHILD-FDP24N40_12 Datasheet
281Kb / 8P
   N-Channel MOSFET 400V, 24A, 0.175廓
FDP26N40 FAIRCHILD-FDP26N40 Datasheet
552Kb / 9P
   N-Channel MOSFET 400V, 26A, 0.16廓
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDMC15N06 FAIRCHILD-FDMC15N06 Datasheet
619Kb / 8P
   N-Channel MOSFET 55V, 15A, 0.090廓
FDA24N40F FAIRCHILD-FDA24N40F Datasheet
682Kb / 8P
   N-Channel MOSFET, FRFET 400V, 23A, 0.19廓
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com