Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS7680 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMS7680
Description  N-Channel PowerTrench짰 MOSFET 30 V, 6.9 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7680 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMS7680 Datasheet HTML 1Page - Fairchild Semiconductor FDMS7680 Datasheet HTML 2Page - Fairchild Semiconductor FDMS7680 Datasheet HTML 3Page - Fairchild Semiconductor FDMS7680 Datasheet HTML 4Page - Fairchild Semiconductor FDMS7680 Datasheet HTML 5Page - Fairchild Semiconductor FDMS7680 Datasheet HTML 6Page - Fairchild Semiconductor FDMS7680 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2009
©2008 Fairchild Semiconductor Corporation
FDMS7680 Rev.C
www.fairchildsemi.com
1
FDMS7680
N-Channel PowerTrench® MOSFET
30 V, 6.9 m
Features
Max rDS(on) = 6.9 mΩ at VGS = 10 V, ID = 14 A
Max rDS(on) = 11 mΩ at VGS = 4.5 V, ID = 11 A
Advanced Package and Silicon combination for low rDS(on)
and high efficiency
Next generation enhanced body diode technology, engineered
for soft recovery.
MSL1 robust package design
100% UIL tested
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency and to minimize switch node
ringing of DC/DC converters using either synchronous or
conventional switching PWM controllers. It has been optimized
for low gate charge, low rDS(on), fast switching speed and body
diode reverse recovery performance.
Applications
IMVP Vcore Switching for Notebook
VRM Vcore Switching for Desktop and Server
OringFET / Load Switch
DC-DC Conversion
G
S
S
S
D
D
D
D
5
6
7
8
3
2
1
4
Bottom
Power 56
Top
Pin 1
G
S
S
S
D
D
D
D
MOSFET Maximum Ratings T
A = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
+/-20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
28
A
-Continuous (Silicon limited)
TC = 25 °C
53
-Continuous
TA = 25 °C
(Note 1a)
14
-Pulsed
80
EAS
Single Pulse Avalanche Energy
(Note 3)
29
mJ
PD
Power Dissipation
TC = 25 °C
33
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
3.7
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS7680
FDMS7680
Power 56
13 ’’
12 mm
3000 units


Similar Part No. - FDMS7680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7682 FAIRCHILD-FDMS7682 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 6.3 m廓
More results

Similar Description - FDMS7680

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7670 FAIRCHILD-FDMS7670_12 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
FDMS-7692 FAIRCHILD-FDMS-7692 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS7692A FAIRCHILD-FDMS7692A Datasheet
340Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 8 m廓
FDMS7670 FAIRCHILD-FDMS7670 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
FDMS7660 FAIRCHILD-FDMS7660 Datasheet
296Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 2.8 m廓
FDMS7672 FAIRCHILD-FDMS7672 Datasheet
328Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 5.0 m廓
FDMS7694 FAIRCHILD-FDMS7694 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 9.5 m廓
FDMS7682 FAIRCHILD-FDMS7682 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 6.3 m廓
FDMS7692 FAIRCHILD-FDMS7692 Datasheet
339Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS7692 FAIRCHILD-FDMS7692_11 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com