Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS7660AS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMS7660AS
Description  N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 2.4 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7660AS Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMS7660AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS7660AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS7660AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS7660AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS7660AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS7660AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS7660AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS7660AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDMS7660AS Rev.C
www.fairchildsemi.com
6
SyncFET Schottky body diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in parallel
with PowerTrench MoSFET. This diode exhibits similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 14 shows the reverses recovery
characteristic of the FDMS7660AS.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
Typical Characteristics (continued)
Figure 14. FDMS7660AS SyncFET body
diode reverse recovery characteristic
Figure 15. SyncFET body diode reverses
leakage versus drain-source voltage
0
5
10
15
20
25
30
10
-6
10
-5
10
-4
10
-3
10
-2
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
V
DS, REVERSE VOLTAGE (V)
0
50
100
150
200
250
-5
0
5
10
15
20
25
30
di/dt = 300 A/µs
TIME (ns)


Similar Part No. - FDMS7660AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7660 FAIRCHILD-FDMS7660 Datasheet
296Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 2.8 m廓
More results

Similar Description - FDMS7660AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7670AS FAIRCHILD-FDMS7670AS Datasheet
486Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 3 m廓
FDMS7672AS FAIRCHILD-FDMS7672AS Datasheet
488Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30 V, 42 A, 4 m廓
FDMS7656AS FAIRCHILD-FDMS7656AS Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDD8647L FAIRCHILD-FDD8647L Datasheet
317Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
logo
ON Semiconductor
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com