Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS7658AS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMS7658AS
Description  N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS7658AS Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMS7658AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS7658AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS7658AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS7658AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS7658AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS7658AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS7658AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS7658AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDMS7658AS Rev.C
www.fairchildsemi.com
6
SyncFET Schottky body diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in parallel
with PowerTrench MoSFET. This diode exhibits similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 14 shows the reverses recovery
characteristic of the FDMS7658AS.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
Typical Characteristics (continued)
Figure 14. FDMS7658AS SyncFET body
diode reverse recovery characteristic
Figure 15. SyncFET body diode reverses
leakage versus drain-source voltage
0
5
10
15
20
25
30
10
-6
10
-5
10
-4
10
-3
10
-2
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
V
DS, REVERSE VOLTAGE (V)
0
50
100
150
200
-5
0
5
10
15
20
25
30
di/dt = 300 A/µs
TIME (ns)


Similar Part No. - FDMS7658AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7650 FAIRCHILD-FDMS7650 Datasheet
291Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 60 A, 0.99 m廓
FDMS7650 FAIRCHILD-FDMS7650 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
252Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS7650DC FAIRCHILD-FDMS7650DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
More results

Similar Description - FDMS7658AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMS3008SDC FAIRCHILD-FDMS3008SDC Datasheet
348Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 30 V, 49 A, 2.6 m廓
FDMS3006SDC FAIRCHILD-FDMS3006SDC Datasheet
490Kb / 9P
   N-Channel Dual CoolTM Power Trench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
FDMS7656AS FAIRCHILD-FDMS7656AS Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFET??30 V, 49 A, 1.8 m廓
FDMS8570S FAIRCHILD-FDMS8570S Datasheet
305Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 60 A, 2.8 m廓
FDMS8560S FAIRCHILD-FDMS8560S Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 70 A, 1.8 m廓
FDMS8558SDC FAIRCHILD-FDMS8558SDC Datasheet
278Kb / 9P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 90 A, 1.5 m廓
FDMS0308CS FAIRCHILD-FDMS0308CS Datasheet
204Kb / 8P
   FDMS0308CS N-Channel PowerTrench짰 SyncFETTM 30 V, 42 A, 3 m
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com