Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM5853 Datasheet(PDF) 6 Page - Stanson Technology

Part No. STM5853
Description  P Channel Mode MOSFET with Schottky
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANSON [Stanson Technology]
Homepage  http://www.stansontech.com
Logo 

STM5853 Datasheet(HTML) 6 Page - Stanson Technology

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STM5853
P Channel Mode MOSFET with Schottky
-3.6A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
TYPICAL CHARACTERICTICS (25℃ unless noted)
Schottky
STM5853 2008. V1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn