Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7407S32RG Datasheet(PDF) 1 Page - Stanson Technology

Part # ST7407S32RG
Description  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST7407S32RG Datasheet(HTML) 1 Page - Stanson Technology

  ST7407S32RG Datasheet HTML 1Page - Stanson Technology ST7407S32RG Datasheet HTML 2Page - Stanson Technology ST7407S32RG Datasheet HTML 3Page - Stanson Technology ST7407S32RG Datasheet HTML 4Page - Stanson Technology ST7407S32RG Datasheet HTML 5Page - Stanson Technology ST7407S32RG Datasheet HTML 6Page - Stanson Technology ST7407S32RG Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ST7407
P Channel Enhancement Mode MOSFET
-3.4A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST7407 2006. V1
1
DESCRIPTION
The ST7407 is the P-Channel logic enhancement mode power field effect transistors It
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone,
notebook computer power management and other battery powered circuits where
high-side switching, and low in-line power loss are needed in a very small outline
surface mount package.
PIN CONFIGURATION
SOT-323 (SC-70)
1.Gate
2.Source
3.Drain
PART MARKING
SOT-323 (SC-70)
Y: Year Code
A: Process Code
ORDERING INFORMATION
Part Number
Package
Part Marking
ST7407S32RG
SOT-323
07YA
Process Code : A ~ Z ; a ~ z
ST7407S32RG
S32 : SOT-323 ; R : Tape Reel ; G : Pb – Free
FEATURE
-20V/-3.4A, RDS(ON) = 100m-ohm
@VGS = -4.5V
-20V/-2.4A, RDS(ON) = 125m-ohm
@VGS = -2.5V
-20V/-1.8A, RDS(ON) = 170m-ohm
@VGS = -1.8V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-323 (SC-70) package design
3
1
2
D
G
S
3
1
2
07YA


Similar Part No. - ST7407S32RG

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST7400 STANSON-ST7400 Datasheet
389Kb / 8P
   ST7400 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results

Similar Description - ST7407S32RG

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com