Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC7664 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMC7664
Description  N-Channel PowerTrench짰 MOSFET 30 V, 18.8 A, 4.2 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC7664 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMC7664 Datasheet HTML 1Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 2Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 3Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 4Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 5Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 6Page - Fairchild Semiconductor FDMC7664 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.fairchildsemi.com
5
©2009 Fairchild Semiconductor Corporation
FDMC7664 Rev.B
Figure 13.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.0005
0.001
0.01
0.1
1
SINGLE PULSE
RTJA = 125
o
C/W
(Note 1b)
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZTJA x RTJA + TA
Junction-to-Ambient Transient Thermal Response Curve
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMC7664

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7660DC FAIRCHILD-FDMC7660DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
FDMC7660S FAIRCHILD-FDMC7660S Datasheet
377Kb / 8P
   N-Channel Power Trench짰 SyncFET 30 V, 20 A, 2.2 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com