Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2300 Datasheet(PDF) 2 Page - Stanson Technology

Part # ST2300
Description  N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2300 Datasheet(HTML) 2 Page - Stanson Technology

  ST2300 Datasheet HTML 1Page - Stanson Technology ST2300 Datasheet HTML 2Page - Stanson Technology ST2300 Datasheet HTML 3Page - Stanson Technology ST2300 Datasheet HTML 4Page - Stanson Technology ST2300 Datasheet HTML 5Page - Stanson Technology ST2300 Datasheet HTML 6Page - Stanson Technology ST2300 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST2300
N Channel Enhancement Mode MOSFET
4A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2300 2005. V1
2
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±
12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
TA=70℃
ID
4.0
3.0
A
Pulsed Drain Current
IDM
13
A
Continuous Source Current (Diode Conduction)
IS
1.0
A
Power Dissipation
TA=25℃
TA=70℃
PD
1.25
0.8
W
Operation Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
140
/W


Similar Part No. - ST2300

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST2300S23RG VBSEMI-ST2300S23RG Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Stanson Technology
ST2300SRG STANSON-ST2300SRG Datasheet
484Kb / 7P
   N Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
ST2300SRG_V2 ETC2-ST2300SRG_V2 Datasheet
484Kb / 7P
   N Channel Enhancement Mode MOSFET
More results

Similar Description - ST2300

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com