Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA2830C Datasheet(PDF) 2 Page - Motorola, Inc

Part # CA2830C
Description  34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA2830C Datasheet(HTML) 2 Page - Motorola, Inc

  CA2830C Datasheet HTML 1Page - Motorola, Inc CA2830C Datasheet HTML 2Page - Motorola, Inc CA2830C Datasheet HTML 3Page - Motorola, Inc CA2830C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA2830C
2
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
0
100
200
300
400
500
600
700
37.0
36.0
35.0
34.0
33.0
32.0
31.0
f, FREQUENCY (MHz)
28 V
24 V
15 V
–3 dB POINTS
fL = 1.5 MHz
fu = 360 MHz
TC = 25°C
Figure 1. Power Gain versus Frequency
1
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10
100
200
300
400
500
600
(Relative to Frequency Response at 25
°C)
VCC = 24V
f, FREQUENCY (MHz)
–40
°C
+100
°C
–2.0
Figure 2. Relative Power Gain
versus Temperature
0
34.0
32.0
30.0
28.0
26.0
24.0
22.0
100
200
300
400
500
600
700
f, FREQUENCY (MHz)
28 V
24 V
15 V
TC = 25°C
Figure 3. 1 dB Gain Compression
versus Voltage
0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
100
200
300
400
500
600
700
f, FREQUENCY (MHz)
28 V
24 V
15 V
TC = 25°C
Figure 4. Noise Figure versus Voltage
0
52.0
50.0
48.0
46.0
44.0
42.0
40.0
100
200
300
400
500
600
700
f, FREQUENCY (MHz)
28 V
24 V
15 V
TC = 25°C
Figure 5. Third Order Intercept
versus Voltage
0
34.0
32.0
30.0
28.0
26.0
24.0
22.0
100
200
300
400
500
600
700
f, FREQUENCY (MHz)
28 V
24 V
15 V
TC = 25°C
Figure 6. Peak Envelope Power
versus Voltage


Similar Part No. - CA2830C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA2830C NXP-CA2830C Datasheet
264Kb / 4P
   The RF Line Wideband Linear Amplifier
More results

Similar Description - CA2830C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
   34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2818C MOTOROLA-CA2818C Datasheet
121Kb / 4P
   18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER
CA2832C MOTOROLA-CA2832C Datasheet
99Kb / 4P
   35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
logo
Tyco Electronics
PAW-1026 MACOM-PAW-1026 Datasheet
36Kb / 1P
   5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier
logo
NXP Semiconductors
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
   Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
   Wideband Linear Amplifiers
logo
Motorola, Inc
CA2820 MOTOROLA-CA2820 Datasheet
95Kb / 3P
   Wideband Linear Amplifiers
logo
NXP Semiconductors
BGY588C PHILIPS-BGY588C Datasheet
44Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
Rev. 01-11 April 2005
logo
Quanzhou Jinmei Electro...
BGY588N_2015 JMNIC-BGY588N_2015 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588C_2015 JMNIC-BGY588C_2015 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com