Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8P2604A Datasheet(PDF) 79 Page - SONiX Technology Company

Part # SN8P2604A
Description  8-Bit Micro-Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2604A Datasheet(HTML) 79 Page - SONiX Technology Company

Back Button SN8P2604A Datasheet HTML 75Page - SONiX Technology Company SN8P2604A Datasheet HTML 76Page - SONiX Technology Company SN8P2604A Datasheet HTML 77Page - SONiX Technology Company SN8P2604A Datasheet HTML 78Page - SONiX Technology Company SN8P2604A Datasheet HTML 79Page - SONiX Technology Company SN8P2604A Datasheet HTML 80Page - SONiX Technology Company SN8P2604A Datasheet HTML 81Page - SONiX Technology Company SN8P2604A Datasheet HTML 82Page - SONiX Technology Company SN8P2604A Datasheet HTML 83Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
SN8P2604A
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 79
Version 0.3
8.3.3 TC1C COUNTING REGISTER
TC1C is an 8-bit counter register for TC1 interval time control.
0DDH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1C
TC1C7
TC1C6
TC1C5
TC1C4
TC1C3
TC1C2
TC1C1
TC1C0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
The equation of TC1C initial value is as following.
TC1C initial value = 256 - (TC1 interrupt interval time * input clock)
Example: To set 10ms interval time for TC1 interrupt. TC1 clock source is Fcpu (TC1KS=0). High clock is
external 4MHz. Fcpu=Fosc/4. Select TC1RATE=010 (Fcpu/64).
TC1C initial value = 256 - (TC1 interrupt interval time * input clock)
= 256 - (10ms * 4MHz / 4 / 64)
= 256 - (10-2 * 4 * 106 / 4 / 64)
= 100
= 64H
The basic timer table interval time of TC1.
High speed mode (Fcpu = 4MHz / 4)
Low speed mode (Fcpu = 32768Hz / 4)
TC1RATE TC1CLOCK
Max overflow interval One step = max/256
Max overflow interval
One step = max/256
000
Fcpu/256
65.536 ms
256 us
8000 ms
31250 us
001
Fcpu/128
32.768 ms
128 us
4000 ms
15625 us
010
Fcpu/64
16.384 ms
64 us
2000 ms
7812.5 us
011
Fcpu/32
8.192 ms
32 us
1000 ms
3906.25 us
100
Fcpu/16
4.096 ms
16 us
500 ms
1953.125 us
101
Fcpu/8
2.048 ms
8 us
250 ms
976.563 us
110
Fcpu/4
1.024 ms
4 us
125 ms
488.281 us
111
Fcpu/2
0.512 ms
2 us
62.5 ms
244.141 us


Similar Part No. - SN8P2604A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P2602B SONIX-SN8P2602B Datasheet
701Kb / 95P
   8-Bit Micro-Controller
SN8P2608 SONIX-SN8P2608 Datasheet
746Kb / 112P
   8-Bit Micro-Controller
More results

Similar Description - SN8P2604A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com