Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8P2604A Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SN8P2604A
Description  8-Bit Micro-Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P2604A Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SN8P2604A Datasheet HTML 3Page - SONiX Technology Company SN8P2604A Datasheet HTML 4Page - SONiX Technology Company SN8P2604A Datasheet HTML 5Page - SONiX Technology Company SN8P2604A Datasheet HTML 6Page - SONiX Technology Company SN8P2604A Datasheet HTML 7Page - SONiX Technology Company SN8P2604A Datasheet HTML 8Page - SONiX Technology Company SN8P2604A Datasheet HTML 9Page - SONiX Technology Company SN8P2604A Datasheet HTML 10Page - SONiX Technology Company SN8P2604A Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
SN8P2604A
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 7
Version 0.3
1
1
1 PRODUCT OVERVIEW
SN8P2604A
is modified from SN8P2604. Good high noisy protecting performance for household
application.
SN8P2604 is compatible to SN8P2604.
Better power on reset.
Good brown out reset production.
SN8P2604 code can transfer to SN8P2604A directly. Program the original SN8 of SN8P2604
into SN8P2604A directly without declare SN8P2604A in source code and re-compile again.
1.1 FEATURES
Memory configuration
♦ Two 8-bit Timer/Counter
OTP ROM size: 4K * 16 bits.
T0: Basic timer
RAM size: 128 * 8 bits.
TC1: Auto-reload timer counter/PWM1/Buzzer output
Eight levels stack buffer
♦ On chip watchdog timer and clock source is internal
I/O pin configuration
low clock RC type (16KHz @3V, 32KHz @5V).
Bi-directional: P0, P1, P2, P5
Programmable open-drain: P1.0, P1.1
♦ Dual system clocks
Wakeup: P0, P1 level change trigger
External high clock: RC type up to 10 MHz
Pull-up resisters: P0, P1, P2, P5
External high clock: Crystal type up to 16 MHz
External interrupt input: P0.0, P0.1
Internal low clock: RC type 16KHz(3V), 32KHz(5V)
External Interrupt trigger edge:
P0.0 controlled by PEDGE register
♦ Operating modes
P0.1 is falling edge trigger only
Normal mode: Both high and low clock active
Slow mode: Low clock only
Four interrupt sources
Sleep mode: Both high and low clock stop
Two internal interrupts: T0, TC1.
Green mode: Periodical wakeup by T0 timer
Two external interrupts: INT0, INT1.
♦ Package (Chip form support)
Powerful instructions
SK-DIP 28 pins
One clocks per instruction cycle (1T)
SOP 28 pins
Most of instructions are one cycle only.
SSOP 28 pins
All ROM area JMP instruction.
P-DIP 20 pins
All ROM area CALL address instruction.
SOP 20 pins
All ROM area lookup table function (MOVC)
SSOP 20 pins


Similar Part No. - SN8P2604A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P2602B SONIX-SN8P2602B Datasheet
701Kb / 95P
   8-Bit Micro-Controller
SN8P2608 SONIX-SN8P2608 Datasheet
746Kb / 112P
   8-Bit Micro-Controller
More results

Similar Description - SN8P2604A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com