Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN8F22721B Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SN8F22721B
Description  8-Bit Micro-Controller
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F22721B Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SN8F22721B Datasheet HTML 3Page - SONiX Technology Company SN8F22721B Datasheet HTML 4Page - SONiX Technology Company SN8F22721B Datasheet HTML 5Page - SONiX Technology Company SN8F22721B Datasheet HTML 6Page - SONiX Technology Company SN8F22721B Datasheet HTML 7Page - SONiX Technology Company SN8F22721B Datasheet HTML 8Page - SONiX Technology Company SN8F22721B Datasheet HTML 9Page - SONiX Technology Company SN8F22721B Datasheet HTML 10Page - SONiX Technology Company SN8F22721B Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
SN8F2270B Series
USB 2.0 Low-Speed 8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 7
Version 1.2
1 PRODUCT OVERVIEW
1.1 FEATURES
Features Selection Table
TIMER
CHIP
ROM
RAM STACK
T0
TC0
SIO
PWM
WAKE-UP
PIN NO.
I/O pin
PACKAGE
SN8F2271B 5K*16 192*8
8
V
V
V
-
7
10
QFN
SN8F22711B 5K*16 192*8
8
V
V
-
V
7
8
SOP
SN8F22721B 5K*16 192*8
8
V
V
V
V
10
14
DIP/SOP/SSOP
Memory configuration
♦ 7 interrupt sources.
Flash ROM size
: 5K x 16 bits, including in system
programming function and EEPROM enumeration.
20000 erase/write cycles.
Five internal interrupts: T0, TC0, USB, SPI, Wakeup
RAM size
: 192 x 8 bits.
Two external interrupt: INT0, INT1.
8 levels stack buffer
♦ One SIO function for data transfer
I/O pin configuration
♦ Two 8 bits timer counter (T0, TC0)
Bi-directional: P0, P1, P5
TC0 has 8 bit PWM function (duty/cycle
programmable).
Wake-up: P0/P1 level change.
Pull-up resistors: P0, P1, P5.
♦ Two system clocks.
External interrupt: P0.0, P0.1 controlled by
PEDGE.
Internal low clock: RC type 24KHz which Fosc =
24KHz.
Internal High clock: Fosc = 6MHz.
Low Speed USB 2.0
Conforms to USB specification, Version 2.0.
♦ Four operating modes.
3.3V regulator output for USB D- pin internal
Normal mode: Both high and low clocks active.
1.5k ohm pull-up resistor.
Slow mode: Low clock only.
Integrated USB transceiver.
Sleep: Both high and low clocks stop.
Supports 1 low speed USB device address,
Green mode: Periodical wakeup by timer.
1 control endpoint
2 interrupt IN/OUT endpoints, each has 8 bytes
♦ Package
FIFO
SOP14, QFN16, SOP20, SSOP20, DIP20
Powerful instructions
♦ On chip watchdog timer.
One clocks per instruction cycle (1T)
Most of instructions are one cycle only.
♦ In-system re-programmability
All ROM area JMP instruction.
Allows easy firmware update
All ROM area CALL address instruction.
All ROM area lookup table function (MOVC)


Similar Part No. - SN8F22721B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2250B SONIX-SN8F2250B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22511B SONIX-SN8F22511B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F2251B SONIX-SN8F2251B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22521B SONIX-SN8F22521B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
SN8F22531B SONIX-SN8F22531B Datasheet
1Mb / 133P
   8-Bit Micro-Controller
More results

Similar Description - SN8F22721B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com