Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V564IL Datasheet(PDF) 8 Page - Exar Corporation

Part # XR16V564IL
Description  2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V564IL Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR16V564IL Datasheet HTML 4Page - Exar Corporation XR16V564IL Datasheet HTML 5Page - Exar Corporation XR16V564IL Datasheet HTML 6Page - Exar Corporation XR16V564IL Datasheet HTML 7Page - Exar Corporation XR16V564IL Datasheet HTML 8Page - Exar Corporation XR16V564IL Datasheet HTML 9Page - Exar Corporation XR16V564IL Datasheet HTML 10Page - Exar Corporation XR16V564IL Datasheet HTML 11Page - Exar Corporation XR16V564IL Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
XR16V564/564D
8
2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
REV. 1.0.2
Pin type: I=Input, O=Output, I/O= Input/Output, OD=Output Open Drain.
GND
Center
Pad
N/A
N/A
N/A
Pwr
The center pad on the backside of the QFN package is
metallic and should be connected to GND on the PCB.
The thermal pad size on the PCB should be the
approximate size of this center pad and should be sol-
der mask defined. The solder mask opening should be
at least 0.0025" inwards from the edge of the PCB
thermal pad.
N.C.
-
-
-
1, 10, 20,
21, 30,
40, 41,
49, 52,
60, 61,
71, 80
No Connection. These pins are not used in either the
Intel or Motorola bus modes.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN #
80-LQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V564IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564IL EXAR-XR16V564IL Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
More results

Similar Description - XR16V564IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16V794 EXAR-XR16V794 Datasheet
1Mb / 53P
   HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com