Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V564IV Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16V564IV
Description  2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V564IV Datasheet(HTML) 3 Page - Exar Corporation

  XR16V564IV Datasheet HTML 1Page - Exar Corporation XR16V564IV Datasheet HTML 2Page - Exar Corporation XR16V564IV Datasheet HTML 3Page - Exar Corporation XR16V564IV Datasheet HTML 4Page - Exar Corporation XR16V564IV Datasheet HTML 5Page - Exar Corporation XR16V564IV Datasheet HTML 6Page - Exar Corporation XR16V564IV Datasheet HTML 7Page - Exar Corporation XR16V564IV Datasheet HTML 8Page - Exar Corporation XR16V564IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
XR16V564/564D
3
REV. 1.0.2
2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
FIGURE 3. PIN OUT ASSIGNMENT FOR 48-PIN QFN PACKAGE AND 80-PIN LQFP PACKAGE
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
CTSA#
VCC
RTSA#
INTA
CSA#
TXA
IOW#
TXB
INTB
CSB#
RTSB#
CTSB#
RXD
CTSD#
GND
RTSD#
INTD
CSD#
TXD
IOR#
TXC
CSC#
INTC
RTSC#
XR16V564
48-pin QFN
1
2
3
4
5
6
7
8
9
NC
INTSEL
CDB#
RIB#
RXB
VCC
A2
A1
A0
NC
XTAL1
XTAL2
NC
RESET
RXRDY#
TXRDY#
GND
RXC
RIC#
CDC#
NC
Intel Mode Only
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
10
11
12
13
14
15
16
17
18
19
20
CDD#
RID#
RXD
VCC
NC
CDA#
RIA#
RXA
GND
D0
D1
D2
NC
D3
D4
D5
D6
D7
XR16 V 564
80- pin LQFP
NC


Similar Part No. - XR16V564IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564IV EXAR-XR16V564IV Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V564IV80 EXAR-XR16V564IV80 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
More results

Similar Description - XR16V564IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16V794 EXAR-XR16V794 Datasheet
1Mb / 53P
   HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com