Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16V564IJ Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16V564IJ
Description  2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V564IJ Datasheet(HTML) 4 Page - Exar Corporation

  XR16V564IJ Datasheet HTML 1Page - Exar Corporation XR16V564IJ Datasheet HTML 2Page - Exar Corporation XR16V564IJ Datasheet HTML 3Page - Exar Corporation XR16V564IJ Datasheet HTML 4Page - Exar Corporation XR16V564IJ Datasheet HTML 5Page - Exar Corporation XR16V564IJ Datasheet HTML 6Page - Exar Corporation XR16V564IJ Datasheet HTML 7Page - Exar Corporation XR16V564IJ Datasheet HTML 8Page - Exar Corporation XR16V564IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
XR16V564/564D
4
2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
REV. 1.0.2
PIN DESCRIPTIONS
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XR16V564IJ
68-Lead PLCC
-40°C to +85°C
Active
XR16V564IV
64-Lead LQFP
-40°C to +85°C
Active
XR16V564DIV
64-Lead LQFP
-40°C to +85°C
Active
XR16V564IL
48-pin QFN
-40°C to +85°C
Active
XR16V564IV80
80-Lead LQFP
-40°C to +85°C
Active
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN #
80-LQFP
PIN #
TYPE
DESCRIPTION
DATA BUS INTERFACE
A2
A1
A0
15
16
17
22
23
24
32
33
34
46
47
48
I
Address data lines [2:0]. These 3 address lines select
one of the internal registers in UART channel A-D dur-
ing a data bus transaction.
D7
D6
D5
D4
D3
D2
D1
D0
46
45
44
43
42
41
40
39
60
59
58
57
56
55
54
53
5
4
3
2
1
68
67
66
15
14
13
12
11
9
8
7
I/O
Data bus lines [7:0] (bidirectional).
IOR#
(VCC)
29
40
52
70
I
When 16/68# pin is HIGH, the Intel bus interface is
selected and this input becomes read strobe (active
low). The falling edge instigates an internal read cycle
and retrieves the data byte from an internal register
pointed by the address lines [A2:A0], puts the data
byte on the data bus to allow the host processor to
read it on the rising edge.
When 16/68# pin is LOW, the Motorola bus interface is
selected and this input is not used and should be con-
nected to VCC.
IOW#
(R/W#)
7
9
18
31
I
When 16/68# pin is HIGH, it selects Intel bus interface
and this input becomes write strobe (active low). The
falling edge instigates the internal write cycle and the
rising edge transfers the data byte on the data bus to
an internal register pointed by the address lines.
When 16/68# pin is LOW, the Motorola bus interface is
selected and this input becomes read (logic 1) and
write (LOW) signal.
CSA#
(CS#)
5
7
16
28
I
When 16/68# pin is HIGH, this input is chip select A
(active low) to enable channel A in the device.
When 16/68# pin is LOW, this input becomes the chip
select (active low) for the Motorola bus interface.


Similar Part No. - XR16V564IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564IJ EXAR-XR16V564IJ Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
More results

Similar Description - XR16V564IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16V794 EXAR-XR16V794 Datasheet
1Mb / 53P
   HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com