Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA6023PZT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMA6023PZT
Description  Dual P-Channel PowerTrench짰 MOSFET -20 V, -3.6 A, 60 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA6023PZT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMA6023PZT Datasheet HTML 1Page - Fairchild Semiconductor FDMA6023PZT Datasheet HTML 2Page - Fairchild Semiconductor FDMA6023PZT Datasheet HTML 3Page - Fairchild Semiconductor FDMA6023PZT Datasheet HTML 4Page - Fairchild Semiconductor FDMA6023PZT Datasheet HTML 5Page - Fairchild Semiconductor FDMA6023PZT Datasheet HTML 6Page - Fairchild Semiconductor FDMA6023PZT Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
©2009 Fairchild Semiconductor Corporation
FDMA6023PZT Rev.B1
Electrical Characteristics T
J = 25 °C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = -250 µA, VGS = 0 V
-20
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, referenced to 25 °C
-12
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
-1
µA
IGSS
Gate to Source Leakage Current
VGS = ±8 V, VDS = 0 V
±10
µA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250 µA
-0.4
-0.5
-1.5
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250 µA, referenced to 25 °C
-2.7
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = -4.5 V, ID = -3.6 A
40
60
m
VGS = -2.5 V, ID = -3.0 A
49
80
VGS = -1.8 V, ID = -2.0 A
60
110
VGS = -1.5 V, ID = -1.0 A
70
170
VGS = -4.5 V, ID = -3.6 A,
TJ = 125 °C
58
72
gFS
Forward Transconductance
VDD = -5 V, ID = -3.6 A
15
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -10 V, VGS = 0 V,
f = 1 MHz
665
885
pF
Coss
Output Capacitance
115
155
pF
Crss
Reverse Transfer Capacitance
100
150
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -10 V, ID = -3.6 A,
VGS = -4.5 V, RGEN = 6 Ω
13
23
ns
tr
Rise Time
11
20
ns
td(off)
Turn-Off Delay Time
75
120
ns
tf
Fall Time
47
75
ns
Qg
Total Gate Charge
VGS = 0 V to -4.5 V
VDD = -10 V,
ID = -3.6 A
12
17
nC
Qgs
Gate to Source Charge
1.4
nC
Qgd
Gate to Drain “Miller” Charge
5.2
nC
Drain-Source Diode Characteristics
IS
Maximum Continuous Drain-Source Diode Forward Current
-1.1
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = -1.1 A
(Note 2)
-0.7
-1.2
V
trr
Reverse Recovery Time
IF = -3.6 A, di/dt = 100 A/µs
33
53
ns
Qrr
Reverse Recovery Charge
15
27
nC


Similar Part No. - FDMA6023PZT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMA6676PZ ONSEMI-FDMA6676PZ Datasheet
398Kb / 7P
   MOSFET ??Single, P-Channel, POWERTRENCH
April, 2021 ??Rev. 3
More results

Similar Description - FDMA6023PZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1027PT FAIRCHILD-FDMA1027PT Datasheet
294Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -20 V, -3 A, 120 m廓
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FDME510PZT FAIRCHILD-FDME510PZT Datasheet
254Kb / 7P
   P-Channel PowerTrench짰 MOSFET -20 V, -6 A, 37 m廓
FDMS4435BZ FAIRCHILD-FDMS4435BZ Datasheet
266Kb / 7P
   P-Channel PowerTrench짰 MOSFET -30 V, -18 A, 20 m廓
FDMC89521L FAIRCHILD-FDMC89521L Datasheet
310Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 60 V, 8.2 A, 17 m廓
FDME1034CZT FAIRCHILD-FDME1034CZT Datasheet
276Kb / 11P
   Complementary PowerTrench짰 MOSFET N-channel: 20 V, 3.8 A, 66 m廓 P-channel: -20 V, -2.6 A, 142 m廓
FDMA3023PZ FAIRCHILD-FDMA3023PZ Datasheet
330Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
FDS8935 FAIRCHILD-FDS8935 Datasheet
225Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET -80 V, -2.1 A, 183 m廓
FDMA3027PZ FAIRCHILD-FDMA3027PZ Datasheet
302Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -3.3 A, 87 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com