Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG1024NZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDG1024NZ
Description  Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG1024NZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDG1024NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 5Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 6Page - Fairchild Semiconductor FDG1024NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.fairchildsemi.com
6
©2009 Fairchild Semiconductor Corporation
FDG1024NZ Rev.B
Dimensional Outline and Pad Layout


Similar Part No. - FDG1024NZ

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDG1024NZ VBSEMI-FDG1024NZ Datasheet
932Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - FDG1024NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
FDT86256 FAIRCHILD-FDT86256 Datasheet
251Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 1.2 A, 845 m廓
FDMA1024NZ FAIRCHILD-FDMA1024NZ Datasheet
315Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 5.0 A, 54 m廓
FDMC8200S FAIRCHILD-FDMC8200S Datasheet
467Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET 30 V, 10 m廓, 20 m廓
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com