Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDFME3N311ZT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDFME3N311ZT
Description  Integrated N-Channel PowerTrench짰 MOSFET and Schottky Diode 30 V, 1.6 A, 299 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFME3N311ZT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDFME3N311ZT Datasheet HTML 1Page - Fairchild Semiconductor FDFME3N311ZT Datasheet HTML 2Page - Fairchild Semiconductor FDFME3N311ZT Datasheet HTML 3Page - Fairchild Semiconductor FDFME3N311ZT Datasheet HTML 4Page - Fairchild Semiconductor FDFME3N311ZT Datasheet HTML 5Page - Fairchild Semiconductor FDFME3N311ZT Datasheet HTML 6Page - Fairchild Semiconductor FDFME3N311ZT Datasheet HTML 7Page - Fairchild Semiconductor FDFME3N311ZT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
©2009 Fairchild Semiconductor Corporation
FDFME3N311ZT Rev.C2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Schottky Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 µA, VGS = 0 V
30
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, referenced to 25 °C
25
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±12 V, VDS = 0 V
±10
µA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 µA
0.511.5
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 µA, referenced to 25 °C
-3
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = 4.5 V, ID = 1.6 A
235
299
m
VGS = 2.5 V, ID = 1.3 A
296
410
VGS = 4.5 V, ID = 1.6 A,TJ = 150 °C
327
420
gFS
Forward Transconductance
VDS = 5 V, ID = 1.6 A
2.8
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1 MHz
55
75
pF
Coss
Output Capacitance
15
20
pF
Crss
Reverse Transfer Capacitance
7
10
pF
Rg
Gate Resistance
7.5
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 1.6 A
VGS = 4.5 V, RGEN = 6 Ω
612
ns
tr
Rise Time
816
ns
td(off)
Turn-Off Delay Time
22
35
ns
tf
Fall Time
1.4
2.8
ns
Qg
Total Gate Charge
VGS = 4.5 V
VDD = 15 V
ID = 1.6 A
11.4
nC
Qgs
Gate to Source Gate Charge
0.2
nC
Qgd
Gate to Drain “Miller” Charge
0.3
nC
IS
Maximum continuous Drain-Source Diode Forward Current
1.6
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 0.9 A
(Note 2)
0.9
1.2
V
trr
Reverse Recovery Time
IF = 1.6 A, di/dt = 100 A/µs
12
22
ns
Qrr
Reverse Recovery Charge
3.1
10
nC
IR
Reverse Leakage
VR = 28 V
TJ = 25 °C
TJ = 85 °C
15
100
µA
0.46
4.7
mA
VF
Forward Voltage
IF = 1 A
TJ = 25 °C
TJ = 85 °C
0.47
0.57
V
0.45
VF
Forward Voltage
IF = 500 mA
TJ = 25 °C
TJ = 85 °C
0.38
0.48
V
0.33


Similar Part No. - FDFME3N311ZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFME2P823ZT FAIRCHILD-FDFME2P823ZT Datasheet
275Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
More results

Similar Description - FDFME3N311ZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS8820 FAIRCHILD-FDMS8820 Datasheet
273Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 116 A, 2.0 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com