Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M770IB25 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16M770IB25
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M770IB25 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16M770IB25 Datasheet HTML 2Page - Exar Corporation XR16M770IB25 Datasheet HTML 3Page - Exar Corporation XR16M770IB25 Datasheet HTML 4Page - Exar Corporation XR16M770IB25 Datasheet HTML 5Page - Exar Corporation XR16M770IB25 Datasheet HTML 6Page - Exar Corporation XR16M770IB25 Datasheet HTML 7Page - Exar Corporation XR16M770IB25 Datasheet HTML 8Page - Exar Corporation XR16M770IB25 Datasheet HTML 9Page - Exar Corporation XR16M770IB25 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
XR16M770
6
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
REV. 1.0.0
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The M770 data interface supports the Intel compatible types of CPUs. No clock (oscillator
nor external clock) is required for a data bus transaction. Each bus cycle is asynchronous using CS#, IOR#
and IOW# inputs. A typical data bus interconnection for Intel mode is shown in Figure 3.
FIGURE 3. XR16M770 TYPICAL INTEL DATA BUS INTERCONNECTIONS
VCC
VCC
A0
A1
A2
UART_CS#
IOR#
IOW#
CS#
IOR#
IOW#
UART_INT
INT
Intel Data Bus Interconnections
GND
UART_RESET
RESET
RI#
CD#
DSR#
CTS#
RTS#
DTR#
RX
TX
PwrSave
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
Serial Transceivers of
RS-232
RS-485
RS-422
Or Infrared
POWERSAVE


Similar Part No. - XR16M770IB25

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IL32 EXAR-XR16M752IL32 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IL32 EXAR-XR16M752IL32 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IM48 EXAR-XR16M752IM48 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752IM48 EXAR-XR16M752IM48 Datasheet
1Mb / 54P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M770IB25

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M2752 EXAR-XR16M2752_07 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com