Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M752IM48 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16M752IM48
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M752IM48 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16M752IM48 Datasheet HTML 7Page - Exar Corporation XR16M752IM48 Datasheet HTML 8Page - Exar Corporation XR16M752IM48 Datasheet HTML 9Page - Exar Corporation XR16M752IM48 Datasheet HTML 10Page - Exar Corporation XR16M752IM48 Datasheet HTML 11Page - Exar Corporation XR16M752IM48 Datasheet HTML 12Page - Exar Corporation XR16M752IM48 Datasheet HTML 13Page - Exar Corporation XR16M752IM48 Datasheet HTML 14Page - Exar Corporation XR16M752IM48 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
XR16M752/XR68M752
11
REV. 1.1.1
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see Table 16). An active high pulse of longer than 40 ns duration will be required to activate the reset
function in the device.
2.3
Channel A and B Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. During Intel Bus Mode (16/68# pin connected to VCC), a
logic 0 on chip select pins, CSA# or CSB#, allows the user to select UART channel A or B to configure, send
transmit data and/or unload receive data to/from the UART. Selecting both UARTs can be useful during power
up initialization to write to the same internal registers, but do not attempt to read from both UARTs
simultaneously. Individual channel select functions are shown in Table 1.
TABLE 1: CHANNEL A AND B SELECT IN 16 MODE
FUNCTION
1
1
UART de-selected
0
1
Channel A selected
1
0
Channel B selected
0
0
Channel A and B selected
During Motorola Bus Mode (16/68# pin connected to GND), the package interface pins are configured for
connection with Motorola, and other popular microprocessor bus types. In this mode the M752 decodes an
additional address, A3, to select one of the UART ports. The A3 address decode function is used only when in
the Motorola Bus Mode. See Table 2.
TABLE 2: CHANNEL A AND B SELECT IN 68 MODE
FUNCTION
1
N/A
UART de-selected
0
0
Channel A selected
0
1
Channel B selected
2.4
Channel A and B Internal Registers
Each UART channel in the M752 has a set of enhanced registers for control, monitoring and data loading and
unloading. The configuration register set is compatible to those already available in the standard single
16C550 and dual ST16C2550. These registers function as data holding registers (THR/RHR), interrupt status
and control registers (ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/
LCR), modem status and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/
DLM/DLD), and a user accessible Scratchpad Register (SPR).
Beyond the general 16C550 features and capabilities, the M752 offers enhanced feature registers (EFR, Xon/
Xoff 1, Xon/Xoff 2, TCR, TLR and DLD) that provide automatic RTS and CTS hardware flow control, Xon/Xoff
software flow control, automatic RS-485 half-duplex direction output enable/disable, and programmable FIFO
trigger level control. All the register functions are discussed in full detail later in “Section 3.0, UART Internal
Registers” on page 24.
CSA#
CSB#
CS#
A3


Similar Part No. - XR16M752IM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M752IM48 EXAR-XR16M752IM48 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M752IM48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com