Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M780 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16M780
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M780 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16M780 Datasheet HTML 5Page - Exar Corporation XR16M780 Datasheet HTML 6Page - Exar Corporation XR16M780 Datasheet HTML 7Page - Exar Corporation XR16M780 Datasheet HTML 8Page - Exar Corporation XR16M780 Datasheet HTML 9Page - Exar Corporation XR16M780 Datasheet HTML 10Page - Exar Corporation XR16M780 Datasheet HTML 11Page - Exar Corporation XR16M780 Datasheet HTML 12Page - Exar Corporation XR16M780 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
XR16M780
9
REV. 1.0.0
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
2.2
Serial Interface
The M780 is typically used with RS-232, RS-485 and IR transceivers. The following figure shows typical
connections from the UART to the different transceivers. For more information on RS-232 and RS-485/422
transceivers, go to www.exar.com or send an e-mail to uarttechsupport@exar.com.
FIGURE 5. XR16M780 TYPICAL SERIAL INTERFACE CONNECTIONS
VCC
VCC
RS-485 Full-Duplex Serial Interface
GND
CD#
DSR#
CTS#
DTR#
RTS#
RX
TX
DI
RO
UART
RS-485
Transceiver
Full-duplex
TX+
TX-
RX+
RX-
RI #
NC
NC
VCC
DE
RE#
VCC
VC C
VC C
R S - 2 3 2 F u ll - M o d e m S e r ia l In t e r f a c e
GN D
RI#
CD #
DS R#
CT S #
RT S #
DT R#
RX
TX
T1 IN
R1 O U T
T2 IN
T3 IN
R2 O U T
R3 O U T
R4 O U T
R5 OU T
GN D
UA RT
R S -232
T r ans c e iv e r


Similar Part No. - XR16M780

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M781 EXAR-XR16M781 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IB25 EXAR-XR16M781IB25 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IB25 EXAR-XR16M781IB25 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IL24 EXAR-XR16M781IL24 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IL24 EXAR-XR16M781IL24 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
More results

Similar Description - XR16M780

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M2752 EXAR-XR16M2752_07 Datasheet
1Mb / 51P
   1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com