Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M752IL32 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR16M752IL32
Description  HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M752IL32 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR16M752IL32 Datasheet HTML 6Page - Exar Corporation XR16M752IL32 Datasheet HTML 7Page - Exar Corporation XR16M752IL32 Datasheet HTML 8Page - Exar Corporation XR16M752IL32 Datasheet HTML 9Page - Exar Corporation XR16M752IL32 Datasheet HTML 10Page - Exar Corporation XR16M752IL32 Datasheet HTML 11Page - Exar Corporation XR16M752IL32 Datasheet HTML 12Page - Exar Corporation XR16M752IL32 Datasheet HTML 13Page - Exar Corporation XR16M752IL32 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
XR16M752/XR68M752
10
HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
REV. 1.1.1
2.0 FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The XR16M752 data interface supports the Intel compatible types of CPUs while the
XR68M752 supports both the Intel and Motorola compatible data interfaces. No clock (oscillator nor external
clock) is required to operate a data bus transaction. Each bus cycle is asynchronous using CS#, IOR# and
IOW# signals. Both UART channels share the same data bus for host operations. The data bus
interconnections are shown in Figure 4.
FIGURE 4. XR16M752/XR68M752 DATA BUS INTERCONNECTIONS
VCC
VCC
OP2A#
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
OP2B#
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CSA#
UART_CSB#
IOR#
IOW #
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR #
IOW #
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
RXRDYA#
TXRDYA#
RXRDYA#
TXRDYA#
RXRDYB#
TXRDYB#
RXRDYB#
TXRDYB#
UART_RESET
RESET
Serial Interface of
RS-232, RS-422
or RS-485
Serial Interface of
RS-232, RS-422
or RS-485
(no connect)
(no connect)
2.25 to 3.6 Volt VCC
VCC
OP2A#
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
OP2B#
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CS#
A3
R/W #
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR #
IOW #
UART
Channel A
UART
Channel B
UART_IRQ#
INTB
INTA
RXRDYA#
TXRDYA#
RXRDYA#
TXRDYA#
RXRDYB#
TXRDYB#
RXRDYB#
TXRDYB#
RESET#
VCC
UART_RESET#
(no connect)
(no connect)
(no connect)
VCC
Intel Data Bus Interconnections
Motorola Data Bus Interconnections
Serial Interface of
RS-232, RS-422
or RS-485
Serial Interface of
RS-232, RS-422
or RS-485


Similar Part No. - XR16M752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M752IL32 EXAR-XR16M752IL32 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
More results

Similar Description - XR16M752IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V2750 EXAR-XR16V2750 Datasheet
990Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750_0709 EXAR-XR16V2750_0709 Datasheet
989Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2750 EXAR-XR16V2750_07 Datasheet
1Mb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752 Datasheet
1,016Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2752 EXAR-XR16V2752_07 Datasheet
998Kb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M752 EXAR-XR16M752 Datasheet
1Mb / 51P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M2752 EXAR-XR16M2752 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2751 EXAR-XR16V2751_07 Datasheet
1,002Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com