Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M680IB25 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16M680IB25
Description  1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M680IB25 Datasheet(HTML) 3 Page - Exar Corporation

  XR16M680IB25 Datasheet HTML 1Page - Exar Corporation XR16M680IB25 Datasheet HTML 2Page - Exar Corporation XR16M680IB25 Datasheet HTML 3Page - Exar Corporation XR16M680IB25 Datasheet HTML 4Page - Exar Corporation XR16M680IB25 Datasheet HTML 5Page - Exar Corporation XR16M680IB25 Datasheet HTML 6Page - Exar Corporation XR16M680IB25 Datasheet HTML 7Page - Exar Corporation XR16M680IB25 Datasheet HTML 8Page - Exar Corporation XR16M680IB25 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
XR16M680
3
REV. 1.0.0
1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
FIGURE 3. PIN OUT ASSIGNMENT FOR 25-PIN BGA PACKAGE
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XR16M680IL32
32-pin QFN
-40°C to +85°C
Active
XR16M680IM48
48-Lead TQFP
-40°C to +85°C
Active
XR16M680IB25
25-Pin BGA
-40°C to +85°C
Active
1 2
3 4
5
A
B
C
D
E
Transparent Top View
A1 Corner
CTS#
RESET
INT
A1
A2
VCC
16/68#
RTS#
A0
IOR#
D0
D6
D7
PwrSave
IOW#
D3
D1
TX
CS#
XTAL1
D4
D2
D5
RX
GND


Similar Part No. - XR16M680IB25

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M681 EXAR-XR16M681 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
XR16M681IB25 EXAR-XR16M681IB25 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
XR16M681IL24 EXAR-XR16M681IL24 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
XR16M681IL32 EXAR-XR16M681IL32 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
More results

Similar Description - XR16M680IB25

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M681 EXAR-XR16M681 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com