Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M598IQ100 Datasheet(PDF) 11 Page - Exar Corporation

Part # XR16M598IQ100
Description  1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M598IQ100 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR16M598IQ100 Datasheet HTML 7Page - Exar Corporation XR16M598IQ100 Datasheet HTML 8Page - Exar Corporation XR16M598IQ100 Datasheet HTML 9Page - Exar Corporation XR16M598IQ100 Datasheet HTML 10Page - Exar Corporation XR16M598IQ100 Datasheet HTML 11Page - Exar Corporation XR16M598IQ100 Datasheet HTML 12Page - Exar Corporation XR16M598IQ100 Datasheet HTML 13Page - Exar Corporation XR16M598IQ100 Datasheet HTML 14Page - Exar Corporation XR16M598IQ100 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
TABLE 5: TYPICAL DATA RATES WITH A 24 MHZ CRYSTAL OR EXTERNAL CLOCK AT 16X SAMPLING
Required
Output Data
Rate
DIVISOR FOR 16x
Clock
(Decimal)
DIVISOR
OBTAINABLE IN
598
DLM PROGRAM
VALUE (HEX)
DLL PROGRAM
VALUE (HEX)
DLD PROGRAM
VALUE (HEX))
DATA ERROR
RATE (%)
400
3750
3750
E
A6
0
0
2400
625
625
2
71
0
0
4800
312.5
312 8/16
1
38
8
0
9600
156.25
156 4/16
0
9C
4
0
10000
150
150
0
96
0
0
19200
78.125
78 2/16
0
4E
2
0
25000
60
60
0
3C
0
0
28800
52.0833
52 1/16
0
34
1
0.04
38400
39.0625
39 1/16
0
27
1
0
50000
30
30
0
1E
0
0
57600
26.0417
26 1/16
0
1A
1
0.08
75000
20
20
0
14
0
0
100000
15
15
0
F
0
0
115200
13.0208
13
0
D
0
0.16
153600
9.7656
9 12/16
0
9
C
0.16
200000
7.5
7 8/16
0
7
8
0
225000
6.6667
6 11/16
0
6
B
0.31
230400
6.5104
6 8/16
0
6
8
0.16
250000
6
6
0
6
0
0
300000
5
5
0
5
0
0
400000
3.75
3 12/16
0
3
C
0
460800
3.2552
3 4/16
0
3
4
0.16
500000
3
3
0
3
0
0
750000
2
2
0
2
0
0
921600
1.6276
1 10/16
0
1
A
0.16
1000000
1.5
1 8/16
0
1
8
0
XR16M598
11
REV. 1.0.0
1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
2.7
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 16 bytes of FIFO which
includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X or 8X or 4X (if
8X or 4X sampling is selected via the 8XMODE Register or 4XMODE Register) internal clock. A bit time is 16
(or 8 or 4) clock periods. The transmitter sends the start-bit followed by the number of data bits, inserts the
proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in the Line
Status Register (LSR bit-5 and bit-6).


Similar Part No. - XR16M598IQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554D EXAR-XR16M554D Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554DIV64 EXAR-XR16M554DIV64 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IJ68 EXAR-XR16M554IJ68 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IL48 EXAR-XR16M554IL48 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M598IQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com