Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M598 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16M598
Description  1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M598 Datasheet(HTML) 4 Page - Exar Corporation

  XR16M598 Datasheet HTML 1Page - Exar Corporation XR16M598 Datasheet HTML 2Page - Exar Corporation XR16M598 Datasheet HTML 3Page - Exar Corporation XR16M598 Datasheet HTML 4Page - Exar Corporation XR16M598 Datasheet HTML 5Page - Exar Corporation XR16M598 Datasheet HTML 6Page - Exar Corporation XR16M598 Datasheet HTML 7Page - Exar Corporation XR16M598 Datasheet HTML 8Page - Exar Corporation XR16M598 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
XR16M598
4
1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
REV. 1.0.0
TX1
85
O
UART channel 1 Transmit Data or infrared transmit data.
RX1
92
I
UART channel 1 Receive Data or infrared receive data. Normal RXD input idles
HIGH. The infrared pulse can be inverted internally prior to decoding by setting
FCTR bit-4.
RTS1#
87
O
UART channel 1 Request to Send or general purpose output (active LOW). See
description of RTS0# pin.
CTS1#
91
I
UART channel 1 Clear to Send or general purpose input (active LOW). See descrip-
tion of CTS0# pin.
DTR1#
86
O
UART channel 1 Data Terminal Ready or general purpose output (active LOW). See
description of DTR0# pin.
DSR1#
90
I
UART channel 1 Data Set Ready or general purpose input (active LOW). See
description of DSR0# pin.
CD1#
89
I
UART channel 1 Carrier Detect or general purpose input (active LOW).
RI1#
88
I
UART channel 1 Ring Indicator or general purpose input (active LOW).
TX2
80
O
UART channel 2 Transmit Data or infrared transmit data.
RX2
73
I
UART channel 2 Receive Data or infrared receive data. Normal RXD input idles
HIGH. The infrared pulse can be inverted internally prior to decoding by setting
FCTR bit-4.
RTS2#
78
O
UART channel 2 Request to Send or general purpose output (active LOW). See
description of RTS0# pin.
CTS2#
74
I
UART channel 2 Clear to Send or general purpose input (active LOW). See descrip-
tion of CTS0# pin.
DTR2#
79
O
UART channel 2 Data Terminal Ready or general purpose output (active LOW). See
description of DTR0# pin.
DSR2#
75
I
UART channel 2 Data Set Ready or general purpose input (active LOWactive LOW).
See description of DSR0# pin.
CD2#
76
I
UART channel 2 Carrier Detect or general purpose input (active LOW).
RI2#
77
I
UART channel 2 Ring Indicator or general purpose input (active LOW).
TX3
72
O
UART channel 3 Transmit Data or infrared transmit data.
RX3
65
I
UART channel 3 Receive Data or infrared receive data. Normal RXD input idles
HIGH. The infrared pulse can be inverted internally prior to decoding by setting
FCTR bit-4.
RTS3#
70
O
UART channel 3 Request to Send or general purpose output (active LOW). See
description of RTS0# pin.
CTS3#
66
I
UART channel 3 Clear to Send or general purpose input (active LOW). See descrip-
tion of CTS0# pin.
DTR3#
71
O
UART channel 3 Data Terminal Ready or general purpose output (active LOW). See
description of DTR0# pin.
DSR3#
67
I
UART channel 3 Data Set Ready or general purpose input (active LOW). See
description of DSR0# pin.
CD3#
68
I
UART channel 3 Carrier Detect or general purpose input (active LOW).
RI3#
69
I
UART channel 3 Ring Indicator or general purpose input (active LOW).
TX4
64
O
UART channel 4 Transmit Data or infrared transmit data.
NAME
PIN #TYPE
DESCRIPTION


Similar Part No. - XR16M598

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554D EXAR-XR16M554D Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554DIV64 EXAR-XR16M554DIV64 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IJ68 EXAR-XR16M554IJ68 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IL48 EXAR-XR16M554IL48 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M598

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M698 EXAR-XR16M698 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M770 EXAR-XR16M770 Datasheet
323Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M680 EXAR-XR16M680 Datasheet
1Mb / 57P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
XR16M780 EXAR-XR16M780 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 64-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com