Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M581IL24 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR16M581IL24
Description  1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M581IL24 Datasheet(HTML) 3 Page - Exar Corporation

  XR16M581IL24 Datasheet HTML 1Page - Exar Corporation XR16M581IL24 Datasheet HTML 2Page - Exar Corporation XR16M581IL24 Datasheet HTML 3Page - Exar Corporation XR16M581IL24 Datasheet HTML 4Page - Exar Corporation XR16M581IL24 Datasheet HTML 5Page - Exar Corporation XR16M581IL24 Datasheet HTML 6Page - Exar Corporation XR16M581IL24 Datasheet HTML 7Page - Exar Corporation XR16M581IL24 Datasheet HTML 8Page - Exar Corporation XR16M581IL24 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
XR16M581
3
REV. 1.0.1
1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
PIN DESCRIPTIONS
Pin Description
NAME
24-QFN
PIN#
32-QFN
PIN#
25-BGA
PIN#
TYPE
DESCRIPTION
DATA BUS INTERFACE
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
20
21
22
23
24
1
2
3
29
30
31
32
1
3
4
5
C1
D2
E2
D1
E1
B2
E3
C2
I/O
Multiplexed Address/Data lines [7:0]. The register address is
latched on the rising edge of the LLA#. After the LLA# signal goes
high, the UART enters the data phase where the data is placed on
these lines.
IOR#
12
14
A5
I
Read strobe (active low). The falling edge instigates an internal
read cycle and retrieves the data byte from an internal register
pointed by the latched address. The UART places the data byte on
the data bus to allow the host processor to read it on the rising
edge.
IOW#
10
12
E5
I
Write strobe (active low). The falling edge instigates the internal
write cycle and the rising edge transfers the data byte on the data
bus to an internal register pointed by the latched address.
CS#
6
8
D3
I
Chip select (active low). The falling edge starts the access to the
UART. A read or write is determined by the IOR# and IOW# sig-
nals.
LLA#
14
19
A4
I
Latch Lower Address (active low). The register address is latched
on the rising edge of the LLA# signal. After the LLA# goes high, the
device enters the data phase where the data is placed on the
AD[7:0] lines.
INT
15
20
B4
O
Interrupt output (active high). The output state is defined by the
user through the software setting of MCR[3]. INT is set to the active
mode when MCR[3] is set to a logic 1. INT is set to the three state
mode when MCR[3] is set to a logic 0. See MCR[3].
MODEM OR SERIAL I/O INTERFACE
TX
5
7
E4
O
UART Transmit Data or infrared encoder data. Standard transmit
and receive interface is enabled when MCR[6] = 0. In this mode,
the TX signal will be a logic 1 during reset or idle (no data). Infrared
IrDA transmit and receive interface is enabled when MCR[6] = 1. In
the Infrared mode, the inactive state (no data) for the Infrared
encoder/decoder interface is a logic 0. If it is not used, leave it
unconnected.
RX
4
6
C3
I
UART Receive Data or infrared receive data. Normal receive data
input must idle at logic 1 condition. The infrared receiver idles at
logic 0. This input should be connected to VCC when not used.
RTS#
16
21
A3
O
UART Request-to-Send (active low) or general purpose output.
This output must be asserted prior to using auto RTS flow control,
see EFR[6], MCR[1] and IER[6]. This pin can also be used as the
Auto RS-485 Half-duplex Direction control output, see FCTR[3] and
EMSR[3].


Similar Part No. - XR16M581IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IB25 EXAR-XR16M580IB25 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IL32 EXAR-XR16M580IL32 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48 EXAR-XR16M580IM48 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M581IL24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M781 EXAR-XR16M781 Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M781IL32-F EXAR-XR16M781IL32-F Datasheet
1Mb / 52P
   1.62V TO 3.63V UART WITH 64-BYTE FIFO AND VLIO INTERFACE
XR16M681 EXAR-XR16M681 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 32-BYTE FIFO AND VLIO INTERFACE
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com