Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16M554IV64 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR16M554IV64
Description  1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M554IV64 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR16M554IV64 Datasheet HTML 3Page - Exar Corporation XR16M554IV64 Datasheet HTML 4Page - Exar Corporation XR16M554IV64 Datasheet HTML 5Page - Exar Corporation XR16M554IV64 Datasheet HTML 6Page - Exar Corporation XR16M554IV64 Datasheet HTML 7Page - Exar Corporation XR16M554IV64 Datasheet HTML 8Page - Exar Corporation XR16M554IV64 Datasheet HTML 9Page - Exar Corporation XR16M554IV64 Datasheet HTML 10Page - Exar Corporation XR16M554IV64 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
XR16M554/554D
7
REV. 1.0.0
1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
CDA#
CDB#
CDC#
CDD#
-
-
-
-
64
18
31
49
9
27
43
61
19
42
59
2
I
UART channels A-D Carrier-Detect (active low) or gen-
eral purpose input. This input should be connected to
VCC when not used. This input has no effect on the
UART.
RIA#
RIB#
RIC#
RID#
-
-
-
-
63
19
30
50
8
28
42
62
18
43
58
3
I
UART channels A-D Ring-Indicator (active low) or gen-
eral purpose input. This input should be connected to
VCC when not used. This input has no effect on the
UART.
ANCILLARY SIGNALS
XTAL1
18
25
35
50
I
Crystal or external clock input.
XTAL2
19
26
36
51
O
Crystal or buffered clock output.
16/68#
14
-
31
-
I
Intel or Motorola Bus Select (input with internal pull-up).
When 16/68# pin is HIGH, 16 or Intel Mode, the device
will operate in the Intel bus type of interface.
When 16/68# pin is LOW, 68 or Motorola mode, the
device will operate in the Motorola bus type of interface.
Motorola bus interface is not available on the 64 pin
package.
RESET
(RESET#)
20
27
37
53
I
When 16/68# pin is HIGH for Intel bus interface, this
input becomes the Reset pin (active high). In this case,
a 40 ns minimum HIGH pulse on this pin will reset the
internal registers and all outputs. The UART transmitter
output will be held HIGH, the receiver input will be
ignored and outputs are reset during reset period
(Table 13). When 16/68# pin is at LOW for Motorola
bus interface, this input becomes Reset# pin (active
low). This pin functions similarly, but instead of a HIGH
pulse, a 40 ns minimum LOW pulse will reset the inter-
nal registers and outputs.
Motorola bus interface is not available on the 64 pin
package.
VCC
2, 24, 37
4, 21, 35,
52
13, 30,
47, 64
5, 25, 45,
65
Pwr
1.62V to 3.63V power supply.
GND
21, 47
14, 28,
45, 61
6, 23, 40,
57
16, 36,
56, 76
Pwr
Power supply common, ground.
GND
Center
Pad
N/A
N/A
N/A
Pwr
The center pad on the backside of the QFN package is
metallic and should be connected to GND on the PCB.
The thermal pad size on the PCB should be the approx-
imate size of this center pad and should be solder mask
defined. The solder mask opening should be at least
0.0025" inwards from the edge of the PCB thermal pad.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN#
80-LQFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16M554IV64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
More results

Similar Description - XR16M554IV64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16M554IV80-0A EXAR-XR16M554IV80-0A Datasheet
867Kb / 46P
   1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
   1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M654 EXAR-XR16M654 Datasheet
1Mb / 58P
   1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
XR16M570 EXAR-XR16M570 Datasheet
983Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580IM48-0A EXAR-XR16M580IM48-0A Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M580 EXAR-XR16M580 Datasheet
1Mb / 56P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 16-BYTE FIFO
XR16M581 EXAR-XR16M581 Datasheet
1Mb / 51P
   1.62V TO 3.63V UART WITH 16-BYTE FIFO AND VLIO INTERFACE
XR16M598 EXAR-XR16M598 Datasheet
1Mb / 58P
   1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16M670 EXAR-XR16M670 Datasheet
985Kb / 52P
   1.62V TO 3.63V HIGH PERFORMANCE UART WITH 32-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com