Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB120N10 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDB120N10
Description  N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB120N10 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDB120N10 Datasheet HTML 1Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 2Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 3Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 4Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 5Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 6Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 7Page - Fairchild Semiconductor FDB120N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDB120N10 Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.2
1
10
100
1000
3000
*Notes:
1. 250μs Pulse Test
2. TC = 25
o
C
VGS = 15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
VDS, Drain-Source Voltage[V]
3456789
1
10
100
500
-55
o
C
175
o
C
*Notes:
1. VDS = 10V
2. 250μs Pulse Test
25
o
C
VGS, Gate-Source Voltage[V]
0
50
100
150
200
250
300
0.00
0.01
0.02
0.03
0.04
*Note: TC = 25
o
C
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
10
100
500
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
175
o
C
V
SD, Body Diode Forward Voltage [V]
25
o
C
0.1
1
10
30
0
1400
2800
4200
5600
7000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
0
2040
6080
0
2
4
6
8
10
*Note: ID =74A
VDS = 25V
VDS = 50V
VDS = 80V
Qg, Total Gate Charge [nC]


Similar Part No. - FDB120N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB120N10 ISC-FDB120N10 Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB120N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP120N10 FAIRCHILD-FDP120N10 Datasheet
691Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDP100N10 FAIRCHILD-FDP100N10_12 Datasheet
417Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 10m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com