Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB029N06 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDB029N06
Description  N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB029N06 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDB029N06 Datasheet HTML 1Page - Fairchild Semiconductor FDB029N06 Datasheet HTML 2Page - Fairchild Semiconductor FDB029N06 Datasheet HTML 3Page - Fairchild Semiconductor FDB029N06 Datasheet HTML 4Page - Fairchild Semiconductor FDB029N06 Datasheet HTML 5Page - Fairchild Semiconductor FDB029N06 Datasheet HTML 6Page - Fairchild Semiconductor FDB029N06 Datasheet HTML 7Page - Fairchild Semiconductor FDB029N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDB029N06 Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
D U T
V
D S
+
_
D r i v e r
R
G
S a m e T y p e
a s D U T
V G S
• d v / d t c o n t r o l l e d b y R
G
• I
S D c o n t r o l l e d b y p u l s e p e r i o d
V
D D
L
I
S D
1 0 V
V
G S
( D r i v e r )
I
S D
( D U T )
V D S
( D U T )
V
D D
B o d y D i o d e
F o r w a r d V o l t a g e D r o p
V
S D
I
F M , B o d y D i o d e F o r w a r d C u r r e n t
B o d y D i o d e R e v e r s e C u r r e n t
I
R M
B o d y D i o d e R e c o v e r y d v / d t
d i / d t
D =
G a t e P u l s e W i d t h
G a t e P u l s e P e r i o d
- - - - - - - - - - - - - - - - - - - - - - - - - -
D U T
V
D S
+
_
D r i v e r
R
G
S a m e T y p e
a s D U T
V G S
• d v / d t c o n t r o l l e d b y R
G
• I
S D c o n t r o l l e d b y p u l s e p e r i o d
V
D D
LL
I
S D
1 0 V
V
G S
( D r i v e r )
I
S D
( D U T )
V D S
( D U T )
V
D D
B o d y D i o d e
F o r w a r d V o l t a g e D r o p
V
S D
I
F M , B o d y D i o d e F o r w a r d C u r r e n t
B o d y D i o d e R e v e r s e C u r r e n t
I
R M
B o d y D i o d e R e c o v e r y d v / d t
d i / d t
D =
G a t e P u l s e W i d t h
G a t e P u l s e P e r i o d
- - - - - - - - - - - - - - - - - - - - - - - - - -
D =
G a t e P u l s e W i d t h
G a t e P u l s e P e r i o d
- - - - - - - - - - - - - - - - - - - - - - - - - -


Similar Part No. - FDB029N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB024N04AL7 FAIRCHILD-FDB024N04AL7 Datasheet
390Kb / 9P
   FDB024N04AL7 N-Channel PowerTrench짰 MOSFET
FDB024N06 FAIRCHILD-FDB024N06 Datasheet
619Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.4m廓
FDB024N08BL7 FAIRCHILD-FDB024N08BL7 Datasheet
681Kb / 9P
   Synchronous Rectification for ATX / Server / Telecom PSU
More results

Similar Description - FDB029N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP030N06 FAIRCHILD-FDP030N06 Datasheet
487Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.2m?
FDI030N06 FAIRCHILD-FDI030N06 Datasheet
500Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.2mW
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
FDI040N06 FAIRCHILD-FDI040N06 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
FDB039N06 FAIRCHILD-FDB039N06 Datasheet
544Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9mW
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com