Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7621N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7621N
Description  PFM Controller for Half-Bridge Resonant Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7621N Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7621N Datasheet HTML 2Page - Fairchild Semiconductor FAN7621N Datasheet HTML 3Page - Fairchild Semiconductor FAN7621N Datasheet HTML 4Page - Fairchild Semiconductor FAN7621N Datasheet HTML 5Page - Fairchild Semiconductor FAN7621N Datasheet HTML 6Page - Fairchild Semiconductor FAN7621N Datasheet HTML 7Page - Fairchild Semiconductor FAN7621N Datasheet HTML 8Page - Fairchild Semiconductor FAN7621N Datasheet HTML 9Page - Fairchild Semiconductor FAN7621N Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7621 • Rev. 1.0.1
6
Electrical Characteristics (Continued)
TA=25°C and LVCC=17V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Protection Section
IOLP
OLP Delay Current
VCON=4V
3.8
5.0
6.2
μA
VOLP
OLP Protection Voltage
VCON > 3.5V
4.5
5.0
5.5
V
VOVP
LVCC Over-Voltage Protection
LVCC > 21V
21
23
25
V
VAOCP
AOCP Threshold Voltage
-1.0
-0.9
-0.8
V
tBAO
AOCP Blanking Time
50
ns
VOCP
OCP Threshold Voltage
-0.64
-0.58
-0.52
V
tBO
OCP Blanking Time
(2)
1.0
1.5
2.0
μs
tDA
Delay Time (Low-Side) Detecting from
VAOCP to Switch Off
(2)
250
400
ns
TSD
Thermal Shutdown Temperature
(2)
110
130
150
°C
ISU
Protection Latch Sustain LVCC Supply
Current
LVCC=7.5V
100
150
μA
VPRSET
Protection Latch Reset LVCC Supply
Voltage
5
V
Dead-Time Control Section
DT
Dead Time
350
ns
Note:
2.
These parameters, although guaranteed, are not tested in production.


Similar Part No. - FAN7621N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621N FAIRCHILD-FAN7621N Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621N ONSEMI-FAN7621N Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
More results

Similar Description - FAN7621N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7631 FAIRCHILD-FAN7631 Datasheet
1Mb / 19P
   Advanced Pulse Frequency Modulation (PFM) Controller for Half-Bridge Resonant Converters
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com