Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7318AMX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN7318AMX
Description  LCD Backlight Inverter Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7318AMX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7318AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 9Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 10Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 11Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7318A • 1.0.0
8
Electrical Characteristics (Continued)
For typical values, TA=25°C, VIN=15V, and -25°C ≤ TA ≤ 85°C, unless otherwise specified. Specifications to -25°C ~
85°C are guaranteed by design based on final characterization results.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Protection Section
Volp0
Open-Lamp Protection Voltage 0
(4)
Striking
0.65
0.70
0.75
V
Volp1
Open-Lamp Protection Voltage 1
Sweep OLP
0.42
0.49
0.56
V
Vcmpr
CMP-High Protection Voltage
Sweep CMP
3.40
3.50
3.60
V
Vslp
Short-Lamp Protection Voltage
Sweep TIMER
0.22
0.30
0.38
V
Vtmr1
Timer Threshold Voltage 1
Striking, Sweep TIMER
2.87
3.02
3.17
V
Vtmr2
Timer Threshold Voltage 2
Sweep TIMER
1.00
1.10
1.20
V
Itmr1
Timer Current 1
OLP=0V
1.7
2.1
2.5
µA
Itmr2
Timer Current 2
OLR=1.8V
40
50
60
µA
TSD
Thermal Shutdown
(4)
150
°C
Vovp
Over-Voltage Protection Voltage
Sweep OLR
1.24
1.34
1.44
V
dcr
ENA2.3V OLP Disable/Enable Change
Voltage
2.1
2.3
2.5
V
Output Section
Vpdhv
PMOS Gate High Voltage
(4)
VIN=15V
VIN
V
Vpdlv
PMOS Gate Low Voltage
VIN=15V
VIN-9.0
VIN-7.5
VIN-6.5
V
Vndhv
NMOS Gate High Voltage
VIN=15V
7.5
8.5
10.0
V
Vndlv
NMOS Gate Low Voltage
(4)
VIN=15V
0
V
Vpuv
PMOS Gate Voltage with UVLO
Activated
VIN=4.5V
VIN-0.3
V
Vnuv
NMOS Gate Voltage with UVLO
Activated
VIN=4.5V
0.3
V
Ipdsur
PMOS Gate Drive Source Current
(4)
VIN=15V
-300
mA
Ipdsin
PMOS Gate Drive Sink Current
(4)
VIN=15V
400
mA
Indsur
NMOS Gate Drive Source Current
(4)
VIN=15V
300
mA
Indsin
NMOS Gate Drive Sink Current
(4)
VIN=15V
-400
mA
Maximum / Minimum Duty Cycle
DCMIN
Minimum Duty Cycle
(4)
fosc=100kHz
0
%
DCMAX
Maximum Duty Cycle
(4)
fosc=100kHz
45
49
%
Note:
4.
These parameters, although guaranteed, are not 100% tested in production.


Similar Part No. - FAN7318AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318B FAIRCHILD-FAN7318B Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BM FAIRCHILD-FAN7318BM Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BMX FAIRCHILD-FAN7318BMX Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318M FAIRCHILD-FAN7318M Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7318AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com