Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7318AMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7318AMX
Description  LCD Backlight Inverter Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7318AMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7318AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN7318AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7318A • 1.0.0
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In
addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
IC Supply Voltage
6
30
V
TA
Operating Temperature Range
-25
+85
°C
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
θJA
Thermal Resistance Junction-Air
(1,2)
90
°C/W
PD
Power Dissipation
1.4
W
Notes:
1.
Thermal resistance test board; size: 76.2mm x 114.3mm x 1.6mm (1S0P); JEDEC standard: JESD51-2, JESD51-3.
2.
Assume no ambient airflow.
Pin Breakdown Voltage
Pin #
Name
Value
Unit
1
TIMER
7
2
CMP
7
3
ADIM
7
4
CT
7
5
REF
7
6
BCT
7
7
BDIM
7
8
ENA
7
9
GND
10
OUTB
30
11
OUTA
30
12
VIN
30
13
OLR2
±7
14
OLP2
±7
15
OLR1
±7
16
OLP1
±7
V


Similar Part No. - FAN7318AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318B FAIRCHILD-FAN7318B Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BM FAIRCHILD-FAN7318BM Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BMX FAIRCHILD-FAN7318BMX Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318M FAIRCHILD-FAN7318M Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7318AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com