Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7318AM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7318AM
Description  LCD Backlight Inverter Drive IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7318AM Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7318AM Datasheet HTML 3Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 4Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 5Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 6Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 7Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 8Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 9Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 10Page - Fairchild Semiconductor FAN7318AM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7318A • 1.0.0
7
Electrical Characteristics (Continued)
For typical values, TA=25°C, VIN=15V, and -25°C ≤ TA ≤ 85°C, unless otherwise specified. Specifications to -25°C ~
85°C are guaranteed by design based on final characterization results.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Analog Dimming Section
ADIM=0V, TA=25°C
1.244
1.329
1.421
ADIM=0V
1.231
1.329
1.427
ADIM=0.5V
1.178
AVrexx
Reference Voltage
ADIM=1.0V
1.008
V
Error Amplifier Section
lsin
Output Sink Current
OLP=2.5V, ADIM=2.5V
63
76
94
µA
lsur1
Output Source Current 1
OLP=0V, ADIM=0V
-65
-50
-35
µA
lsur2
Output Source Current 2
CMP=3V
-1.4
-1.0
-0.6
µA
Ibsin
Burst CMP Sink Current
BDIM=5V, BCT=0V
41
52
63
µA
Iolpi
OLP Input Current
OLP=2V
0
µA
Iolpo
OLP Output Current
OLP=-2V
-30
-20
-10
µA
OLP=0.3V
0.34
V
Vlpfx
Rectifiers Output of OLP
OLP=1.5V
1.55
V
Volpr
OLP Input Voltage Range
(3)
-4
4
V
Open-Lamp Regulation Section
Iolr1
Striking, OLR=1.6V
-3.4
-2.8
-2.3
µA
Iolr2
Error Amplifier Source Current for
Open-Lamp Regulation
OLR Sweep
0
µA
Volr1
Open-Lamp Regulation Voltage 1
OLR Sweep
1.24
1.34
1.44
V
Volr2
Open-Lamp Regulation Voltage 2
Striking, OLR Sweep
1.88
1.98
2.08
V
Volr3
Open-Lamp Regulation Voltage 3
2.1
2.2
2.3
V
GmOLR
OLR Error Amplifier Transconductance
180
310
440
µmho
Iors
OLR Error Amplifier Sink Current
Normal, OLR=2.5V
40
60
80
µA
Iolri
OLR Input Current
OLR=2.5V
0
µA
Iolro
OLR Output Current
OLR=-2.5V
-35
-25
-15
µA
Volrr
OLR Input Voltage Range
(3)
-4
4
V
Note:
3.
These parameters, although guaranteed, are not 100% tested in production.


Similar Part No. - FAN7318AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318B FAIRCHILD-FAN7318B Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BM FAIRCHILD-FAN7318BM Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318BMX FAIRCHILD-FAN7318BMX Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7318M FAIRCHILD-FAN7318M Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7318AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com