Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD16730 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SD16730
Description  8-Bit Constant Current LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD16730 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SD16730 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SD16730 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SD16730
8-Bit Constant Current LED Driver
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.11.16
Http://www.silan.com.cn
Page 1 of 12
DIP-16-300-2.54
SOP-16-300-1.27
DESCRIPTION
SD16730 is a special constant current driver for LED display
application. The value of constant current can be determined with
external resistor. It bases on BICMOS technology and includes an 8-
bit shift register. Latch and constant current driver. At the output
stage, there are eight regulated current sources which provide 2-
80mA constant current for driving LEDs by Bipolar Junction
Transistor.
FEATURES
* Output current adjustable through an external resistor
* Serial data in/out
* 8 constant-current output channels
* Output current: 2-80mA
* 20MHz clock frequency
* Current accuracy (All output ON)
Current accuracy
Between Bits
Between ICs
Output current
<±3%
<±6%
10 to 60mA
APPLICATIONS
* LED guardrail diode
ORDERING INFORMATION
Device
Package
Seal
SD16730
DIP-16-300-2.54
SD16730
SD16730S
SOP-16-300-1.27
SD16730S


Similar Part No. - SD16730

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
SD16729S SILAN-SD16729S Datasheet
874Kb / 13P
   16-BIT CONSTANT CURRENT LED DRIVER
logo
Tyco Electronics
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
More results

Similar Description - SD16730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com