Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC91215-D Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC91215-D
Description  T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC91215-D Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC91215-D Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC91215-D Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SC91214/91215 SERIES
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 3 of 16
AC ELECTRICAL CHARACTERISTICS (Top=25°C, VDD=3.5V, VSS=0V, fosc=3.579545MHz, All voltage
referenced to VSS, unless otherwise specified)
Characteristics
Symbol
Conditions
Min.
Typ. Max. Unit
Test
KT.
Tone mode
2.0
--
5.5
Operating Voltage
VDD
Pulse mode
2.0
--
5.5
V
A
Memory Retention Voltage
VMR
1
V
--
Memory Retention Current
IMR
VDD=1.0V, HK =VDD
All outputs unloaded
0.05
0.4
µA
--
IDDP
Pulse mode
0.32
1.0
Operating Current
IDDT
Tone mode
All outputs unloaded
0.6
2.0
mA
A
HK =VDD=1.5V
0.03
0.05
Standby Current
ISO
HK =VSS
All outputs unloaded,
no key selected
0.5
10
µA
A
VIH
0.8
1
Input Voltage
VIL
0
0.2
VDD
R1 - R4 Input Current
IR
115
µA
C
VOC
Column
584
730
876
Tone out Voltage
VOR
Row
VDD=3.5V, RL=5K
456
570
684
mVp-p
D
HFI Pull Low Current
| IHFI |
VDD=3.5V (Note 1)
HFI pin connected to 0V
5
µA
B
HFO Drive Current
| IOH1 |
VDD=3.5V
VOH=VDD-0.4V
0.4
2
mA
B
HFO, KT , MODEOUT
XMITMUTE Sink Current
IOL1
VDD=3.5V
VOL=0.4V
0.9
5.3
mA
B
DP Sink Current
IOL2
VDD=3.5V, VOL=0.4V
1.1
5.3
mA
B
Distortion
DIS%
* see note below
1
5
%
* Note:
1/2
2
2
1/2
2
2
2
)
VIH
VIL
(
)
Vn
V2
V1
(
X
100
DIS%
+
+
+
+
=
1. V1
… Vn are the intermediation or the harmonic frequencies in the 500Hz to 3400Hz band.
2. VIL and VIH are the individual frequency components of the DTMF signal.
AC CHARACTERISTICS (Top=25°C, VDD=3.5V, VSS=0V, fosc=3.579545MHz, All voltage referenced to VSS,
unless otherwise specified)
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
M/B=1/2
33.3
10pps
M/B=2/3
40.0
M/B=1/2
16.7
Make Time
TM
20pps
M/B=2/3
20.0
ms
(To be continued)


Similar Part No. - SC91215-D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC912XDP512F0CAA FREESCALE-SC912XDP512F0CAA Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
SC912XDP512F0CAAR FREESCALE-SC912XDP512F0CAAR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - SC91215-D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC91710A SILAN-SC91710A Datasheet
532Kb / 17P
   T/P SWITCHABLE DIALER WITH REDIAL HANDFREE FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
LG Semicon Co.,Ltd.
GM6390 LG-GM6390 Datasheet
279Kb / 11P
   TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Silan Microelectronics ...
SC91650 SILAN-SC91650 Datasheet
431Kb / 30P
   13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION
logo
List of Unclassifed Man...
HM9121 ETC1-HM9121 Datasheet
185Kb / 1P
   TONE/PULSE SWITCHABLE & 20 MEMORIES DIALER WITH HANDFREE CONTROL & PAGE FUNCTION
logo
Winbond
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com