Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9827 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9827
Description  VCD SIGNAL-CHIP PROCESSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9827 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9827 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9827 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9827 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9827 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9827 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9827 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9827 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SC9827
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2009.03.26
Http://www.silan.com.cn
Page 5 of 7
Pin no.
Pin name
I/O
Function
61
DOE#/MA9
O
Output data to dynamic memory (low active),
Multivariate memory row and column address.
62~70
MA[0:8]
O
Multivariate memory row and column address.
71~86
DBUS[0:15]
I/O
Input/output when Dynamic memory read/write.
88
RESET#
I
External system reset will make ES3890 reset.
90
VSS_P
I
PLL system ground.
91
VCC_P
I
PLL system 2.5V power supply.
92
AUX27
I/O
General-purpose programmable I/O.
93~97
AUX1[0:4]
I/O
General-purpose programmable I/O.
98
VPP2
I
5V power supply.
101~102
AUX0[0:1]
I/O
General-purpose programmable I/O.
103
CRIN
I
8M crystal oscillator input of Servo unit.
104
CROUT
O
8M crystal oscillator output of Servo unit.
105
RAD
O
Tracking driver signal.
106
FOC
O
Focus driver signal.
107
SLED
O
Sled motor driver signal.
108
MOTO1
O
Spindle motor driver signal.
109
TRAY_SW
I
Tray position monitor signal input.
110
SLED_SW
I
Sled motor position monitor signal input.
111
LDON
O
Laser control signal output.
112
ADACL
O
Audio DAC left channel output.
113
ADACR
O
Audio DAC right channel output.
114
RBIAS
O
Internal resistor adjust.
115
VSSA1
I
Analog ground 1 for servo unit.
116
VDDA1
I
Analog power supply 1 for servo unit.
117
B
I
Central diode current signal input 1
118
A
I
Central diode current signal input 2
119
C
I
Central diode current signal input 3
120
D
I
Central diode current signal input 4
121
F
I
Satellite diode current signal input
122
E
I
Satellite diode current signal input
123
VCOM
I
DC voltage input pin
124
IDATA
I
Output feedback current of data signal.
125
RFIN
I
CD pick up signal input.
126
RFREF
I
CD pick up signal reference voltage.
127
VSSA2
I
Analog ground 2 for servo unit.
128
VDDA2
I
Analog power supply 2 for servo unit.


Similar Part No. - SC9827

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9821C SILAN-SC9821C Datasheet
419Kb / 18P
   CD ELECTRONIC SHOCKPROOF CONTROLLER
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
   MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
More results

Similar Description - SC9827

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9660 SILAN-SC9660 Datasheet
290Kb / 7P
   VCD SIGNALCHIP PROCESSOR
logo
Toshiba Semiconductor
TB1246AN TOSHIBA-TB1246AN Datasheet
2Mb / 80P
   NTSC 1 CHIP (IF VCD PROCESSOR) IC
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
   Super VCD Processor Product Brief
logo
Toshiba Semiconductor
TB1251CN TOSHIBA-TB1251CN Datasheet
1Mb / 80P
   PAL/NTSC/SECAM 1 Chip (IF VCD processor) IC
TB1238BN TOSHIBA-TB1238BN Datasheet
3Mb / 80P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
TB1238N TOSHIBA-TB1238N Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231N TOSHIBA-TB1231N Datasheet
1Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
1998-02-18
TB1231CN TOSHIBA-TB1231CN Datasheet
3Mb / 77P
   PAL/NTSC 1CHIP (IFVCD PROCESSOR) IC
TB1231AN TOSHIBA-TB1231AN Datasheet
2Mb / 76P
   PAL/NTSC 1CHIP (IF VCD PROCESSOR) IC
logo
STMicroelectronics
ST18952 STMICROELECTRONICS-ST18952 Datasheet
357Kb / 67P
   DIGITAL SIGNAL PROCESSOR DSP CHIP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com