Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9821C Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC9821C
Description  CD ELECTRONIC SHOCKPROOF CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9821C Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC9821C Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9821C Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC9821C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.07.21
Http: www.silan.com.cn
Page 7 of 18
Address[3:0]:
Assign the operation object. Note: When Address [3:0] = 4’
b1111, all the Guests will
be operation objects (common), but at this time, the Guest should close the feedback
channel and only receive the data sending by Host. And when select the only Guest, it
can be bidirectional communication (respective).
BurstLength:
Denote the operation length of Burst.
Addr:
8-bit addressing address of Host.
Ack:
It is an acknowledge signal. In the address check all modes; this signal is only used as
leading data (low level) to denote the beginning of the data pack because the
feedback channel of Guest is closed. In one-to-one mode, After the Guest receives a
serial of pack leading with Command byte; it must feed back to Host an Ack signal in
defined time which is decided by Host itself. When sending the data, if the
transmission direction is from Host to Guest this time, Guest must feed back an Ack
signal in defined time every time it receives a data; if overstep, Host will pull up
DataAvail and end this transmission. When Host sends the data, if there is other data
needed transmission after Host receives the Ack signal, it must transmit following the
next cycle; When Host receives data, it must come into receiving state (otherwise end
this transmission directly) after Host receives the Ack signal.
Data:
The transmitted data is following the leading Ack signal, and the latter limited a data
when Burst is 0. When over the provision data, the receiver may not correspond to Ack
signal.
According to above description, if complete the operations from Host to Guest, the read-write operation is as
followed:
Adopt 8-bit effective address, and assume the addressing address of guest is 0H:
Figure 2 SSI write operation
Figure 3 SSI read operation


Similar Part No. - SC9821C

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
   MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
SC9827 SILAN-SC9827 Datasheet
432Kb / 7P
   VCD SIGNAL-CHIP PROCESSOR
More results

Similar Description - SC9821C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
logo
Pentair plc. All rights...
SXT PENTAIR-SXT Datasheet
271Kb / 2P
   ELECTRONIC CONTROLLER
LXT PENTAIR-LXT Datasheet
425Kb / 2P
   ELECTRONIC CONTROLLER
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
   CD/MP3/WMA Audio Controller
logo
List of Unclassifed Man...
BU9348K ETC-BU9348K Datasheet
188Kb / 2P
   RAM controller for CD player
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Rohm
BH6552FV ROHM-BH6552FV Datasheet
80Kb / 4P
   Voltage controller for CD-ROM
logo
Silan Microelectronics ...
SC9696P SILAN-SC9696P Datasheet
1Mb / 20P
   CD SERVO CONTROLLER WITH MCU
logo
SamHop Microelectronics...
SM7153 SAMHOP-SM7153 Datasheet
70Kb / 9P
   ELECTRONIC VOLUME CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com