Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9711 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9711
Description  MCU EMBEDDED A/D CONVERTER FOR DMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9711 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9711 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9711 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SC9711
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.11.07
Http
: www.silan.com.cn
Page 3 of 14
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Duty Measurement Min. Pulse
Width Error (MEAS=0100)
*1
VPP=
±600mV square
wave input
100
ns
4.000nF
5%+25
Counts
40.00nF
2%+10
Counts
400.0nF
0.5%+3
Counts
4.000
µF
1%+2
Counts
Capacitor Measurement
Accuracy After Zero Input
Relative 400.0nF
40.00
µF
1.5%+2
Counts
FUNCTION AND RANGE TABLE
MEA4 MEA3 MEA2 MEA1
SELECT(1(0(1)
Hz/Duty(1(0(1)
0
0
0
1
DCV
Hz/Duty/V
0
0
1
0
ACV
Hz/Duty/V
0
0
1
1
OHM
0
1
0
0
Hz
HZ/Duty
0
1
0
1
CAP
0
1
1
0
Diode/ Beeper
Diode/ Beeper switch
0
1
1
1
µA
AC/DC switch
HZ/Duty/A
1
0
0
0
V
AC/DC switch
HZ/Duty/V
1
0
0
1
OHM/Diode/Beeper/CAP
1
0
1
0
A
AC/DC switch
HZ/Duty/A
1
0
1
1
mA
AC/DC switch
HZ/Duty/A
1
1
0
0
Diode
1
1
0
1
Beeper
1
1
1
0
Hfe
400mV full scale input, no
decimal, input through ADP
1
1
1
1
Temp
(100/Amp, gain)(V/(C input,
no
decimal,
input
from
ADP2.


Similar Part No. - SC9711

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC900 SEMTECH-SC900 Datasheet
414Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
logo
Switchcraft, Inc.
SC900 SWITCH-SC900 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
Freescale Semiconductor...
SC900844JVK FREESCALE-SC900844JVK Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Semtech Corporation
SC900A SEMTECH-SC900A Datasheet
446Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
SC900AEVB SEMTECH-SC900AEVB Datasheet
446Kb / 23P
   Programmable Penta ULDO with RESET and I2C Interface
More results

Similar Description - SC9711

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS39C7092 HYNIX-HMS39C7092 Datasheet
1Mb / 199P
   Embedded Flash MCU
logo
Tontek Design Technolog...
TTR622 TONTEK-TTR622 Datasheet
476Kb / 34P
   A/D MCU
logo
Silan Microelectronics ...
SC7106 SILAN-SC7106 Datasheet
594Kb / 21P
   3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
SC7001Q SILAN-SC7001Q Datasheet
1Mb / 16P
   3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
logo
Eorex Corporation
EU1010 EOREX-EU1010_09 Datasheet
511Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010 Datasheet
561Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020 Datasheet
540Kb / 21P
   8-bit MCU with 10-bit A/D Converter
EU1020 EOREX-EU1020_15 Datasheet
346Kb / 22P
   8-bit MCU with 10-bit A/D Converter
EU1010 EOREX-EU1010_15 Datasheet
341Kb / 22P
   8-bit MCU with 10-bit A/D Converter
logo
Fairchild Semiconductor
FCM8531 FAIRCHILD-FCM8531 Datasheet
1Mb / 20P
   MCU Embedded and Configurable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com