Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9636-006 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9636-006
Description  CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2 DIGITS LED DISPLAY)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9636-006 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9636-006 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9636-006 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SC9636-006
(Continued)
Pin No.
Symbol
Description
40
LEDb
LED drive seg b, Low level activates.
41
LEDa
LED drive seg a, Low level activates.
42
TEST
Test pin
43
RESET
Reset, low level activates.
44
VDD3
Power (4.5V~5.5V).
45
GND3
Analog Ground 3.
46
GND0
Analog Ground 3.
47
VDD0
Power (4.5V~5.5V).
48
VREF
Reference voltage output pin.
49
R
Right channel output
50
CR
Capacitor for right channel 1st order filter function
51
CL
Capacitor for left channel 1st order filter function
52
L
Left channel output
53
RAD
Tracking drive output
54
FOC
Focus drive output
55
SLED
Sled drive output
56
VSS4
Ground
57
MOTO
Spindle drive output
58
DACMUTE
DAC mute control input(HIGH is mute)
59
VDD4
Digital Supply(4.5V~5.5V)
60
VDD
Digital Supply(4.5V~5.5V)
61
GND
Digital Ground
62
AUTOP1
Auto play when power on.
63
SLEDSW
Sledge motor position monitor signal input
64
LDON
Laser control signal output.
FUNCTION DESCRIPTION
1.
LED DISPLAY
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 5 of 12


Similar Part No. - SC9636-006

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9637B SILAN-SC9637B Datasheet
1Mb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2/4 DIGITS LCD DISPLAY AND REMOTE CONTROL)
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
More results

Similar Description - SC9636-006

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9637B SILAN-SC9637B Datasheet
1Mb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (2/4 DIGITS LCD DISPLAY AND REMOTE CONTROL)
SC9640P SILAN-SC9640P Datasheet
649Kb / 10P
   CD DIGITAL SERVO SIGNAL PROCESSOR WITH MCU (SLAVE MODE)
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
logo
Silan Microelectronics ...
SC9641 SILAN-SC9641 Datasheet
427Kb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
logo
Sony Corporation
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com