Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9318FA033 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC9318FA033
Description  DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9318FA033 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC9318FA033 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC9318FA033 Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SC9318-033
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2003.05.20
Http: www.silan.com.cn
Page 10 of 29
FUNCTIONAL DESCRIPTION
RECEIVING BAND
Code
Area
Band
A1
A0
Receiving range
Step
(Hz)
Fref.
(Hz)
IF(Hz)
FM
87.5~108.0M
50/200k
25k
10.7M
522~1620k
9k
3k
MW
520~1710k
10k
5k
450k
TV
2~13ch
1ch
25k
U.S.A.
*1
WB
0
0
162.400~162.550M
25k
12.5k
10.7M
FM
87.5~108.0M
50/100k
25k
10.7M
522~1620k
9k
3k
MW
520~1620k
10k
5k
General
LW
0
1
144~281k
1k
1k
450k
65.0~74.0M
50k
25k
10.7M
FM
87.5~108.0M
50k
25k
10.7M
531~1611k
9k
3k
MW
530~1610k
10k
5k
Europe
east/Europe
*2
LW
1
0
144~281k
1k
1k
450k
76.0~108.0M
100k
25k
-10.7M
76.0~90.0M
100k
25k
-10.7M
FM
76.0~3ch
100k
25k
-10.7M
522~1629k
9k
3k
MW
520~1620k
10k
5k
450k
Japan
*3
TV
1
1
1~12ch
1ch
25k
-10.7M
SW1
SW0
0
1
5.95~15.6
SW
0
1
3.8~12.5
5k
5k
450k
Note: *1. If step is 200kHz. Range is 87.5~108.1MHZ
*2. The frequency range of FM in Europe area is according to FM step jumper.
*3. The frequency range of FM in Japan area is according to FM step and LW/TV enable jumper.
KEY MATRIX
K0
K1
K2
K3
T0
A0 *
A1 *
SW0 *
SW1 *
T1
LW/TV *
Enable
WB*
Enable
FM step *
MW step *
T2
IF count *
Enable
1/8 IF *
POWER KEY
*enable
BAND * OUT
T3
CLOCK * disable
DUAL * disable
CLOCK * 12/24 H
+5KEY * enable
T4
BAND/DUAL
MEMORY/ CK ADJ
UP/ HOUR
DOWN/ MIN
T5
Minc
Mdec
ALARM
SLEEP
(*: Diode jumper)


Similar Part No. - SC9318FA033

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9318FA SILAN-SC9318FA Datasheet
662Kb / 28P
   DIGITAL TUNING SYSTEM
More results

Similar Description - SC9318FA033

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Toshiba Semiconductor
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9328AF TOSHIBA-TC9328AF Datasheet
1Mb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9317F TOSHIBA-TC9317F Datasheet
6Mb / 77P
   DTS MICROCONTROLLER
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Toshiba Semiconductor
TC9327F TOSHIBA-TC9327F Datasheet
3Mb / 80P
   DTS MICROCONTROLLER
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com