Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC7755S Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC7755S
Description  ELECTRICITY POWER METER CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7755S Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC7755S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7755S Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SC7755
ELECTRICITY POWER METER CIRCUIT
SSOP-24
SDIP-24
DESCRIPTION
The SC7755 is a high accuracy electrical energy measurement IC
that can provides superior stability and accuracy over extremes in
environmental conditions and over time. The SC7755 does not exhibit
any creep when there is no load.
The SC7755 supplies average real power information on the low
frequency outputs F1 and F2. This logic outputs may be used to
directly drive an electromechanically counter or interface to an MCU.
The CF logic output gives instantaneous real power information. This
output is intended to be used for calibration purposes, or interfacing to
an MCU.
The SC7755 includes a power supply monitoring circuit on the
AVDD supply pin. If the supply falls below 4V, the SC7755 will be
reset and F1, F2 will be set to logic high, CF will be set to logic low at
the same time.
The SC7755 provides synchronous frequency output for auto-
reading meter system. The CF logic output is synchronous with the F1
and F2 logic output to ensure the show value of the meter is
consonant with the real value.
ORDERING INFORMATION
Device
Package
SC7755S
SSOP-24-300-0.65
SC7755
SDIP-24-300-2.54
FEATURES
* Single 5V supply, low power.
* On-chip power supply monitoring.
* On-chip reference with external overdrive capability.
* Supplies average real power on the frequency outputs F1 and F2, which can drive for electromechanical
counters directly.
* The high frequency output CF is intended for calibration and supplies instantaneous real power.
* Less than 0.1% error over a dynamic range of 500 to 1.
* On-chip creep protection (No load threshold).
* The logic output REVP can be used to indicate a potential miswiring or negative power.
* A PGA in the current channel make flexible to select the shunt and burden resistance.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2008.01.07
Http
: www.silan.com.cn
Page 1 of 10


Similar Part No. - SC7755S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7751 SILAN-SC7751 Datasheet
597Kb / 9P
   ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
SC7751S SILAN-SC7751S Datasheet
597Kb / 9P
   ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
More results

Similar Description - SC7755S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7751S SILAN-SC7751S Datasheet
597Kb / 9P
   ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
   Single-Chip Electricity Meter AFE
Rev 0; 7/12
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
   Single-Chip Electricity Meter AFE
Rev 1; 1/13
MAX71334L MAXIM-MAX71334L Datasheet
105Kb / 3P
   ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
MAX71335L MAXIM-MAX71335L Datasheet
105Kb / 3P
   ZON P3/P3L Polyphase Electricity Meter SoC
1 /12 /2015
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
   ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 1 Shunt
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
   Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
logo
NTE Electronics
NTE1498 NTE-NTE1498 Datasheet
20Kb / 2P
   Integrated Circuit Dual Peak Power Meter Driver
logo
STMicroelectronics
STEVAL-IPE020V1 STMICROELECTRONICS-STEVAL-IPE020V1 Datasheet
294Kb / 7P
   Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152
March 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com