Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SC7314D Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part No. SC7314D
Description  4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7314D Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC7314D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7314D Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SC7314
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2007.09.25
Http: www.silan.com.cn
Page 11 of 14
TEST AND TYPICAL APPLICATION CIRCUIT
SC7314
25
26
27
DGND
SDA
SCL
MCU
18
17
12
20
19
3
OUT(L) IN(L)
LOUD
(L)
BOUT
(L)
BIN
(L)
TREBLE
(L)
R1
L1
100
nF
2.7nF
100
nF
100
nF
5.6k
11
16
AM/FM
TUNER
2.2
F
10
15
CD
PLAYER
9
TAPE
R2
L2
R3
L3
R4
14
8
13
AUDIO
1
2
28
VDD
GND
CREF
6
5
7
22
21
4
OUT(R) IN(R)
LOUD
(R)
BOUT
(R)
BIN
(R)
TREBLE
(R)
VDD
2.7nF
100
nF
100
nF
100
nF
5.6k
L4
23
OUT R
OUT L
24
2.2
F
2.2
F
2.2
F
2.2
F
2.2
F
2.2
F
2.2
F
22
F
2.2
F
10
F
10
F
2.2
F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn