Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC7107 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC7107
Description  3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7107 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC7107 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SC7106/7107
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.02.27
Http: www.silan.com.cn
Page 5 of 22
DESIGN INFORMATION SUMMARY SHEET
OSCILLATOR FREQUENCY
fosc=0.45/RC; Cosc>50pF; Rosc>50k
Ω; fosc(Typ)=48kHz
OSCILLATOR PERIOD
tosc=RC/0.45
INTEGRATION CLOCK FREQUENCY
Fclock=fosc/4
INTEGRATION PERIOD
tINT=1000x(4/fosc)
60/50Hz REJECTION CRITERION
tINT/ t60Hz or tINT/ t50Hz=Integer
OPTIMUM INTEGRATION CURRENT
IINT=4
µA
FULL SCALE ANALOG INPUT
VOLTAGE
VINFS(Typ)=200mV or 2V
INTEGRATE RESISTOR
RINT=VINFS/IINT
INTEGRATE CAPACITOR
CINT=(tINT) (IINT)/VINT
INTEGRATOR OUTPUT VOLTAGE
SWING
VINT=(tINT) (IINT)/CINT
VINT MAXIMUM SWING
(V-+0.5V)<VINT<(V+-0.5V), VINT(Typ)=2V
DISPLAY COUNT
COUNT=1000x (VIN/VREF)
CONVERSION CYCLE
tCYC=tCLOCKx4000; tCYC=toscx16000;
when fosc=48kHz; tCYC=333ms
COMMON MODE INPUT VOLTAGE
(V-+1V)<VIN<(V+-0.5V)
AUTO-ZERO CAPACITOR
0.01
µF<CAZ<1µF
REFERENCE CAPACITOR
0. 1
µF<CREF<1µF
VCOM
Biased between Vi and V-
VCOM
≈ V+−2.8V
Regulation lost when V+ to V-<
≈6.8V ;if VCOM is externally pulled
down to (V+ to V-)/2, the VCOM circuit will turn off.
SC7106 POWER SUPPLY: SINGLE 9V
V+ to V-=9V, digital supply is generated internally,
VGND
≈V+−4.5V
SC7106 DISPLAY: LCD
Type: Direct drive with digital logic supply amplitude.
SC7107 POWER SUPPLY:DUAL
±5.0V
V+=+5V TO GND, V-=-5V TO GND, Digital Logic and LED driver
supply V+ to GND
SC7107 DISPLAY: LED
Type: Non-Multiplexed Common Anode


Similar Part No. - SC7107

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SC70 DIODES-SC70 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Global Mixed-mode Techn...
SC70-3 GMT-SC70-3 Datasheet
127Kb / 1P
   Package Outline
SC70-4 GMT-SC70-4 Datasheet
128Kb / 1P
   Package Outline
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
logo
Global Mixed-mode Techn...
SC70-5 GMT-SC70-5 Datasheet
121Kb / 1P
   Package Outline
More results

Similar Description - SC7107

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7001Q SILAN-SC7001Q Datasheet
1Mb / 16P
   3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com