Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC7107 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC7107
Description  3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7107 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC7107 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7107 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SC7106/7107
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.02.27
Http: www.silan.com.cn
Page 9 of 22
The limitations of the on chip reference should also be recognized, however. With the SC7107, the internal
heating which results from the LED drivers can cause some degradation in performance. Due to their higher
thermal resistance, plastic parts are poorer in this respect than ceramic. The combination of reference
Temperature Coefficient (TC), internal chip dissipation, and package thermal resistance can increase noise near
full scale from 25
µV to 80µVp-p. Also the linearity in going from a high dissipation count such as 1000 (20
segments on) to a low dissipation count such as 1111(8 segments on) can suffer by a count or more. Devices
with a positive TC reference may require several counts to pull out of an over-range condition. This is because
over-range is a low dissipation mode, with the three least significant digits blanked. Similarly, units with a
negative TC may cycle between over-range and a non-over-range count as the die alternately heats and cools.
All these problems are of course eliminated if an external reference is used.
The SC7106, with its negligible dissipation, suffers from none of these problems. In either case, an external
reference can easily be added, as shown in Figure 4.
Analog COMMON is also used as the input low return during auto-zero and de-integrate. If IN LO is different
from analog COMMON, a common mode voltage exists in the system and is taken care of by the excellent
CMRR of the converter. However, in some applications IN LO will be set at a fixed known voltage (power supply
common for instance). In this application, analog COMMON should be tied to the same point, thus removing the
common mode voltage from the converter. The same holds true for the reference voltage. If reference can be
conveniently tied to analog COMMON, it should be since this removes the common mode voltage from the
reference system.
Within the IC, analog COMMON is tied to an N-Channel FET that can sink approximately 30mA of current to
hold the voltage 2.8V below the positive supply (when a load is trying to pull the common line positive). However,
there is only 10
µA of source current, so COMMON may easily be tied to a more negative voltage thus overriding
the internal reference.
FIGURE 4. USING AN EXTERNAL REFERENCE
8. TEST
The TEST pin serves two functions. On the SC7106 it is coupled to the internally generated digital supply
through a 500
Ω resistor. Thus it can be used as the negative supply for externally generated segment drivers
such as decimal points or any other presentation the user may want to include on the LCD display. Figures 5 and
6 show such an application. No more than a 1mA load should be applied.


Similar Part No. - SC7107

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SC70 DIODES-SC70 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Global Mixed-mode Techn...
SC70-3 GMT-SC70-3 Datasheet
127Kb / 1P
   Package Outline
SC70-4 GMT-SC70-4 Datasheet
128Kb / 1P
   Package Outline
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
   Surface mounted, 5 pin package Package outline
logo
Global Mixed-mode Techn...
SC70-5 GMT-SC70-5 Datasheet
121Kb / 1P
   Package Outline
More results

Similar Description - SC7107

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7001Q SILAN-SC7001Q Datasheet
1Mb / 16P
   3 DIGITS LCD DISPLAY, 3260-COUNT A/D FOR DMM
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com