Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC5358 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC5358
Description  6CH ELECTRONIC VOLUME CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5358 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC5358 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5358 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC5358
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2004.08.03
Http: www.silan.com.cn
Page 4 of 9
FUNCTION DESCRIPTION
1. I2C bus interface
SC5358 is connected to I
2C bus via the SCL and SDA, controlled by MCU.
Date validity
A data on the SDA line must be stable when the SCL line is high state. It can be changed only when the SCL
line is low state. Please refer to the figure below.
Start and stop conditions
A start condition is activated when the SCL is high state and the SDA shifts from high to low state. A stop
condition is activated when the SCL is high state and the SDA shifts from low to high state. Please refer to the
figure below.
SDA
SCL
start condition
stop condition
Start and stop conditions are generated by MCU. The buses are busy after a start condition is activated and are
idle after a while when a stop condition is activated.
Byte format
Every byte transmitted to the SDA line consists of 8 bits. Each byte must be followed by an acknowledge bit.
The MSB is transmitted first.
During the 9th clock pulse, MCU puts a resistive high level on the SDA line and waits for acknowledge signal.
As a peripheral SC5358 must pull down the SDA line if acknowledging, or else keeps high state. Please refer to
the figure below.


Similar Part No. - SC5358

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-100 BEL-SC53-100 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-101 BEL-SC53-101 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-102 BEL-SC53-102 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC53-120 BEL-SC53-120 Datasheet
242Kb / 1P
   SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC5358

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
logo
Renesas Technology Corp
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
   6ch Electronic Volume with Tone Control
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
   6ch Electronic Volume with Tone Control
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com