Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC63C0316 Datasheet(PDF) 17 Page - Silan Microelectronics Joint-stock

Part # SC63C0316
Description  AUDIO CONTROL SYSTEM WITH BUILTIN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC63C0316 Datasheet(HTML) 17 Page - Silan Microelectronics Joint-stock

Back Button SC63C0316 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 16Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 17Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 18Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 19Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 20Page - Silan Microelectronics Joint-stock SC63C0316 Datasheet HTML 21Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
SC63C0316
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 17 of 24
PHASE DETECTOR, CHARGE PUMP, AND UNLOCK DETECTOR
The phase comparator compares the phase difference between divided frequency (fN) output from the
programmable divider and the reference frequency (fr) output from the reference frequency generator.
The charge pump outputs the phase comparator's output from error output pins EO. The relation between the
error output pin output, divided frequency fN, and reference frequency fr is shown below:
fr > fN = Low level output
fr < fN = High level output
fr = fN = Floating level
When PLL operation is started by setting PLMOD register, PLL unlock flag (ULFG) in the PLL flag register
(PLLREG) has unlock state information between the reference frequency and divided frequency. The unlock
detector detects the unlock state of the PLL frequency synthesizer. The unlock flag in the PLLREG register is set
to "1" in unlock state. If ULFG = "0", the PLL lock state is selected.
PLLREG
ULFG
CEFG
IFCFG
0
ULFG is set continuously at a period of reference frequency f r by unlock detector. You must therefore read
ULFG flag in the PLLREG register at periods longer than 1/f r of the reference frequency. ULFG is reset when it
is read. PLLREG register can be read by 1-bit or 4-bit RAM control register instructions.
PLL operation is decided by CE (chip enable) pin state. The PLL frequency synthesizer is disabled and the
error output pin is set to floating state while the CE pin is low. When CE pin is high level, PLL is operating
normally.
The chip enable flag (CEFG) in the PLLREG register has information about CE pin state. When the CE pin
changes its low state to high, CEFG flag is set to logic one and CE reset operation occurs. When the CE pin
changes its high state to low, CEFG flag is set to logic zero and CE interrupt is generated.
INTERMEDIATE FREQUENCY COUNTER
The SC63C0316 uses an intermediate frequency counter (IFC) to count the frequency of the AM or FM signal
at FMIF or AMIF pin. The IFC block consists of a 1/2 divider, gate control circuit, IFC mode register (IFMOD) and
a 16-bit binary counter.
During gate time, the 16-bit IFC counts the input frequency at the FMIF or AMIF pins. The FMIF or AMIF pin
input signal for the 16-bit counter is selected by IFMOD register. The 16-bit binary counter (IFCNT1–IFCNT0) can
be read by 8-bit RAM control instructions only.
When the FMIF pin input signal is selected, the signal is divided by 2. When the AMIF pin input signal is
directly connected to the IFC, it is not divided.
By setting the IFMOD register, the gate is opened for 1-ms, 4-ms, or 8-ms periods. During the open period of
the gate, input frequency is counted by the 16-bit counter. When the gate is closed, the counting operation is
complete, and an interrupt is generated.


Similar Part No. - SC63C0316

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC63CB BEL-SC63CB Datasheet
785Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SC63CB-100 BEL-SC63CB-100 Datasheet
785Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SC63CB-101 BEL-SC63CB-101 Datasheet
785Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SC63CB-120 BEL-SC63CB-120 Datasheet
785Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
SC63CB-150 BEL-SC63CB-150 Datasheet
785Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SC63C0316

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9351 SILAN-SC9351 Datasheet
1Mb / 19P
   AUDIO SYSTEM CONTROL MCU
SC9308 SILAN-SC9308 Datasheet
1Mb / 16P
   AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
logo
National Semiconductor ...
LM4830 NSC-LM4830 Datasheet
458Kb / 14P
   Two-Way Audio Amplification System with Volume Control
logo
Silan Microelectronics ...
SA482P67K65 SILAN-SA482P67K65 Datasheet
132Kb / 6P
   PWM CONTROLLER WITH BUILTIN MOSFET
logo
Sanyo Semicon Device
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LC7537N SANYO-LC7537N Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
logo
Harris Corporation
CA3228 HARRIS-CA3228 Datasheet
113Kb / 9P
   Speed Control System with Memory
logo
Festo Corporation.
8118457 FESTO-8118457 Datasheet
94Kb / 1P
   Control system
1/21/22
8118456 FESTO-8118456 Datasheet
98Kb / 1P
   Control system
1/21/22
8118454 FESTO-8118454 Datasheet
97Kb / 1P
   Control system
1/21/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com