Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7496LS Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA7496LS
Description  2CH AUDIO POWER AMPLIFIER(2W X 2)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7496LS Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA7496LS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7496LS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SA7496L
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2006.12.31
Http: www.silan.com.cn
Page 3 of 10
(Continued)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
f
20Hz ~22KHz
Play, max volume
--
500
800
µV
f
20Hz ~22KHz
Play, max attenuation
--
100
250
µV
Total Output Noise
eN
f
20Hz ~22KHz, Mute
--
60
150
µV
MUTE STAND-BY & INPUT SELECTION FUNCTIONS
Stand-by ON Threshold
VST ON --
3.5
--
--
V
Stand-by OFF Threshold
VST OFF --
--
--
1.5
V
Mute ON Threshold
VM ON
--
3.5
--
--
V
Mute OFF Threshold
VM OFF --
--
--
1.5
V
Mute Attenuation
AMUTE
--
50
65
--
dB
Quiescent Current @ Stand-by
IqST-BY --
--
0.6
1
mA
Mute
--
1
5
µA
Mute Bias Current
ImuteBIAS
Play
--
0.2
2
µA
Standby on VST-BY=5V,
VMUTE=5V
--
1
5
µA
Standby Bias Current
ImuteBIAS
Play or Mute
--
0.2
2
µA
* Because the heat dispersion of package DIP-20IH-300-2.54 is better the other two, the maximum operating
voltage of SA7496 is higher than that of SA7496L/SA7496LS. But it is advisable not over 18V advisable.
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Pin name
Description
1
GND
Ground
2
GND
Ground
3
GND
Ground
(To be continued)


Similar Part No. - SA7496LS

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SA741 POLYFET-SA741 Datasheet
36Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Silan Microelectronics ...
SA7411 SILAN-SA7411 Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
SA7411S SILAN-SA7411S Datasheet
90Kb / 4P
   1CH AUDIO POWER AMPLIFIER(1W)
SA7412 SILAN-SA7412 Datasheet
138Kb / 6P
   2CH AUDIO POWER AMPLIFIER(1W X2)
logo
NXP Semiconductors
SA741C PHILIPS-SA741C Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
More results

Similar Description - SA7496LS

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
   2CH AUDIO POWER AMPLIFIER (W x 2)
SA7267 SILAN-SA7267 Datasheet
292Kb / 10P
   2CH AUDIO POWER AMPLIFIER(20W X 2)
logo
STMicroelectronics
TDA7268 STMICROELECTRONICS-TDA7268 Datasheet
113Kb / 6P
   2 x 2W STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
   2W X 2 Stereo Integrated Audio Amplifier
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com