Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6210MY Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6210MY
Description  Primary-Side Synchronous Rectifier (SR) Trigger Controller for Dual Forward Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6210MY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6210MY Datasheet HTML 1Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 2Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6210 Rev. 1.0.1
5
Electrical Characteristics
VDD=20V, TA=25℃, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ. Max. Units
VDD Section
VDD
DC Supply Voltage
7
24
V
VDD-ON
Turn-On Threshold Voltage
9
10
11
V
VTH-OFF
Turn-Off Threshold Voltage
7
8
9
V
VDD-OVP
VDD Over-Voltage Protection (OVP)
23.0
25.5
28.0
V
VDD-OVP-HYS
Hysteresis voltage for VDD OVP
0.3
0.8
1.3
V
tOVP
VDD OVP Debounce Time
250
μs
SIN Section
VSIN
Logic Input Voltage
10.5
24.5
V
tDLY_OUTH
Delay Time Between SIN-HIGH and SOUT-HIGH
240
300
350
ns
tDLY_OUTL
Delay Time Between SIN-LOW and SOUT-LOW
75
100
150
ns
tON_MAX
SOUT Maximum On Time and Stop XP Pulse
8.5
10.0
12.0
μs
DET Section
VDET_H
Detect Input Voltage to Send XP After SOUT Falling
2.5
3.0
3.5
V
VDET_L
Voltage to Drive XP Signal After SOUT Falling
1.5
2.0
2.5
V
tPD_DET
Delay Time to Send XP
30
50
100
ns
XP XN Section
tPLS_XN
High-Level Pulsewidth of XN Signal
250
300
350
ns
tPLS_XP
High-Level Pulsewidth of XP Signal
600
700
800
ns
tPD_XN
Delay Time to Trigger XN by SIN Rising or Falling Edge
25
50
75
ns
DPLS_OFF
SIN Duty Ratio Shorter than DPLS_OFF Stop XP Pulse
10
%
VXN
XN Signal Output Voltage Level
5.5
8.0
V
VXP
XP Signal Output Voltage Level
5.5
8.0
V
tR_XP
XP Rising Time
VDD = 15V;
CL = 100pF;
SOUT= 1V to 6V
30
ns
tF_XP
XP Falling Time
VDD = 15V;
CL = 100pF;
SOUT= 7V to 2V
30
ns
RDLY Section
VRDLY
RDLY Voltage
RRDLY=24kΩ
1.08
1.20
1.32
V
tDLY_XP
Delay Time to Trigger XP by SOUT Rising Edge
RRDLY=24kΩ
280
340
400
ns
VZ
Output Voltage Maximum (Clamp)
VDD=25V
18.5
V
VOL
Output Voltage LOW
VDD=15V; IO = 50mA
1.5
V
VOH
Output Voltage HIGH
VDD=15V; IO = 50mA
10
V
tR
SOUT Rising Time
VDD = 15V; CL = 5nF;
SOUT= 2V to 9V
30
70
120
ns
tF
SOUT Falling Time
VDD = 15V; CL = 5nF;
SOUT= 9V to 2V
30
50
100
ns


Similar Part No. - FAN6210MY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6210MY FAIRCHILD-FAN6210MY Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
More results

Similar Description - FAN6210MY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6206 FAIRCHILD-AN-6206 Datasheet
553Kb / 9P
   Primary-Side Synchronous Rectifier (SR) Trigger Solution for Dual-Forward Converter
FAN6210 FAIRCHILD-FAN6210_10 Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
Texas Instruments
UCC24636 TI1-UCC24636 Datasheet
2Mb / 35P
[Old version datasheet]   Synchronous Rectifier (SR) Controller
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
   Dual Transistor Synchronous Forward Controller
logo
Fairchild Semiconductor
SG6203 FAIRCHILD-SG6203 Datasheet
460Kb / 13P
   Synchronous Rectifier Controller for Flyback Converter
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
   High Efficiency, Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com